Electronic Components Datasheet Search
  English  ▼

X  

MAX1458C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1458C/D
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1458C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 13Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 14Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 15Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 16Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Selecting RFTC
When using an external resistor, use the equation
below to determine the value for RFTC, and place the
resistor between ISRC and FSOTC. Since the 12-bit
FSOTC DAC provides considerable dynamic range, the
RFTC value need not be exact. Generally, any resistor
value within ±50% of the calculated value is accept-
able.
This approximation works best for bulk, micromachined,
silicon PRTs. Negative values for RFTC indicate uncon-
ventional sensor behavior that cannot be compensated
by the MAX1458 without additional external circuitry.
Selecting the PGA Gain Setting
To select the PGA gain setting, first calculate
SensorFSO, the sensor full-span output voltage at T1:
SensorFSO = S x VBDRIVE x
∆P
= 1.5mV/V per PSI x 2.5V x 10 PSI
= 0.0375V
where S is the sensor sensitivity at T1, VBDRIVE is the
sensor excitation voltage (initially 2.5V), and
∆P is the
maximum pressure differential.
Then calculate the ideal gain using the following formula,
and select the nearest gain setting from Table 2:
where OUTFSO is the desired calibrated transducer
full-span output voltage, and SensorFSO is the sensor
full-span output voltage at T1.
In this example, a PGA value of 2 (gain of +95V/V) is
the best selection.
Determining Input-Referred OFFSET (IRO)
The input-referred offset register is used to null any
front-end sensor offset errors prior to amplification by
the PGA. This reduces the possibility of saturating the
PGA and maximizes the useful dynamic range of the
PGA (particularly at the higher gain values.)
First, calculate the ideal IRO correction voltage using
the following formula, and select the nearest setting
from Table 1:
where IROideal is the exact voltage required to perfect-
ly null the sensor, O(T1) is the sensor offset voltage in
V/V at +25°C, and VBDRIVE(T1) is the nominal sensor
excitation voltage at +25°C. In this example, 30mV
must be subtracted from the amplifier front end to null
the sensor perfectly. From Table 1, select an IRO value
of 3 to set the IRO DAC to 27mV, which is nearest the
ideal value. To subtract this value, set the IRO sign bit
to 0. The residual output-referred offset error will be
corrected later with the Offset DAC.
Determining OFFTC COEF Initial Value
Generally, OFFTC COEF can initially be set to 0, since
the offset TC error will be compensated in a later step.
However, sensors with large offset TC errors may
require an initial coarse offset TC adjustment to prevent
the PGA from saturating during the compensation pro-
cedure as temperature is increased. An initial coarse
offset TC adjustment is required for sensors with an off-
set TC greater than about 10% of the FSO. If an initial
IROideal
- O T1 x V
T1
- 0.012V/V x 2.5V
- 30mV
BDRIVE
=
( )
( )
[
]
=
(
)
=
A
OUTFSO
SensorFSO
4V
0.0375V
106V/V
PGA =
=
=
R
R
x 500ppm/ C
70k
x 500ppm/ C
70k
FTC
ISRC
≅
°
≅
°
°
°
=
Ω
TCR - TCS
2600ppm/ C - -2100ppm/ C
|
|
|
|
Ω
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
______________________________________________________________________________________
13
APGA
Programmable-gain amplifier gain
RISRC
IRO
Internal (approximately 75k
Ω) or user-
supplied resistor that programs the nomi-
nal sensor excitation current.
Input-referred offset correction DAC
value
DESCRIPTION
IRO Sign
PARAMETER
Input-referred offset sign bit
IRS
Internal resistor selection bit
OFF COEF
Offset correction DAC coefficient
OFF Sign
Offset sign bit
OFFTC COEF
Offset TC compensation DAC coefficient
OFFTC Sign
Offset TC sign bit
FSO COEF
FSO trim DAC coefficient
FSOTC COEF
FSO TC compensation DAC coefficient
RFTC
Internal (approximately 75k
Ω) or user-
supplied resistor that compensates
FSO TC errors.
Table 7. Compensation Components and
Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com