Electronic Components Datasheet Search
  English  ▼

X  

MAX1458C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1458C/D
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1458C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
Note 1: Excludes the sensor or load current.
Note 2: All electronics temperature errors are compensated together with sensor errors.
Note 3: The sensor and the MAX1458 must always be at the same temperature during calibration and use.
Note 4: This is the maximum allowable sensor offset.
Note 5: This is the sensor’s sensitivity normalized to its drive voltage, assuming a desired full-span output of 4V and a bridge
voltage of 2.5V.
Note 6: Bit weight is ratiometric to VDD.
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
_______________________________________________________________________________________
3
Typically 4600ppm/°C tempco
VFSOTC = 2.5V
No load
Input referred, VDD = 5V (Note 6)
CONDITIONS
k
Ω
100
RTEMP
Temperature-Dependent
Resistor
k
Ω
75
RFTC
FSO Trim Resistor
k
Ω
75
RISRC
Current-Source Reference
Resistor
V
VSS + 1.3
VDD - 1.3
VBDRIVE
Bridge Voltage Swing
mA
0.1
0.5
2.0
IBDRIVE
Bridge Current Range
µA
-20
20
Current Drive
V
VSS + 0.3
VDD - 1.3
Output Voltage Swing
Bits
3
DAC Resolution
mV/bit
9
DAC Bit Weight
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
LSB
±1.5
DNL
Differential Nonlinearity
Bits
12
DAC Resolution
V
VSS + 1.3
VDD - 1.3
VISRC
Reference Input Voltage Range
(ISRC)
DAC reference = VBDRIVE = 2.5V
DAC reference = VDD = 5.0V
mV/bit
1.4
∆VOUT
∆Code
Offset TC DAC Bit Weight
mV/bit
2.8
∆VOUT
∆Code
Offset DAC Bit Weight
DAC reference = VBDRIVE = 2.5V
DAC reference = VDD = 5.0V
mV/bit
0.6
∆VFSOTC
∆Code
FSO TC DAC Bit Weight
mV/bit
1.22
∆VISRC
∆Code
FSO DAC Bit Weight
CURRENT SOURCE
DIGITAL-TO-ANALOG CONVERTERS
IRO DAC
FSOTC BUFFER
INTERNAL RESISTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com