Electronic Components Datasheet Search
  English  ▼

X  

MAX1458C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1458C/D
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1458C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to VSS......................................-0.3V to +6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Short-Circuit Duration, FSOTC, OUT, BDRIVE ...........Continuous
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8.00mW/°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX1458CAE ......................................................0°C to +70°C
MAX1458AAE .................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 1)
DC to 10Hz (gain = 41,
source impedance = 5k
Ω)
VLIMIT = 4.6V,
VOUT = (VSS + 0.25V) to (VLIMIT - 0.3V)
At minimum gain (Note 4)
From VSS to VDD
TA = TMIN to TMAX
Selectable in eight steps
63% of final value
(Notes 2, 3)
(Note 5)
CONDITIONS
µVRMS
500
Output Noise
mA
-0.45
0.45
(sink)
(source)
Output Current Range
VSS + 0.15
VDD - 0.25
ppm/°C
±50
Differential Signal-Gain Tempco
V/V
36
41
45
Minimum Differential Signal Gain
V/V
41 to 230
Differential Signal-Gain Range
mV/V
10 to 40
Input-Referred Adjustable FSO
Range
mA
3
6
IDD
Supply Current
V
4.5
5.0
5.5
VDD
Supply Voltage
mV
±150
Input-Referred Adjustable Offset
Range
dB
90
CMRR
Common-Mode Rejection Ratio
ms
1
Output Step Response
M
Ω
1
RIN
Input Impedance
µV/°C
±0.5
Input-Referred Offset Tempco
%VDD
0.01
Amplifier Gain Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
10k
Ω load to VSS
or VDD
VLIMIT = 4.6V
V
Output Voltage Swing
VSS + 0.25
VLIMIT ± 0.3
VSS + 0.1
VLIMIT ± 0.2
No load
GENERAL CHARACTERISTICS
ANALOG INPUT (PGA)
ANALOG OUTPUT (PGA)
VLIMIT = 5.0V, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com