Electronic Components Datasheet Search
  English  ▼

X  

MAX1458C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1458C/D
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1458C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1458C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX1458 highly integrated analog-sensor signal
processor is optimized for piezoresistive sensor calibra-
tion and compensation without any external compo-
nents. It includes a programmable current source for
sensor excitation, a 3-bit programmable-gain amplifier
(PGA), a 128-bit internal EEPROM, and four 12-bit
DACs. Achieving a total error factor within 1% of the
sensor’s repeatability errors, the MAX1458 compen-
sates offset, offset temperature coefficient, full-span
output (FSO), FSO temperature coefficient (FSOTC),
and FSO nonlinearity of silicon piezoresistive sensors.
The MAX1458 calibrates and compensates first-order
temperature errors by adjusting the offset and span of
the input signal via digital-to-analog converters (DACs),
thereby eliminating quantization noise. Built-in testabili-
ty features on the MAX1458 result in the integration of
three traditional sensor-manufacturing operations into
one automated process:
• Pretest: Data acquisition of sensor performance
under the control of a host test computer.
• Calibration and compensation: Computation and
storage (in an internal EEPROM) of calibration and
compensation coefficients computed by the test
computer and downloaded to the MAX1458.
• Final test operation: Verification of transducer cali-
bration and compensation without removal from the
pretest socket.
Although optimized for use with piezoresistive sensors,
the MAX1458 may also be used with other resistive
sensors (i.e., accelerometers and strain gauges) with
some additional external components.
______________________Customization
Maxim can customize the MAX1458 for unique require-
ments. With a dedicated cell library consisting of more
than 90 sensor-specific functional blocks, Maxim can
quickly provide customized MAX1458 solutions. Please
contact Maxim for further information.
________________________Applications
Piezoresistive Pressure and Acceleration
Transducers and Transmitters
MAP (Manifold Absolute Pressure) Sensors
Automotive Systems
Hydraulic Systems
Industrial Pressure Sensors
Features
o Medium Accuracy (±1%), Single-Chip Sensor
Signal Conditioning
o Sensor Errors Trimmed Using Correction
Coefficients Stored in Internal EEPROM—
Eliminates the Need for Laser Trimming and
Potentiometers
o Compensates Offset, Offset-TC, FSO, FSOTC,
FSO Linearity
o Programmable Current Source (0.1mA to 2.0mA)
for Sensor Excitation
o Fast Signal-Path Settling Time (<1ms)
o Accepts Sensor Outputs from 10mV/V to 40mV/V
o Fully Analog Signal Path
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCLK
LIMIT
VDD
INP
BDRIVE
INM
I.C.
OUT
ISRC
TOP VIEW
MAX1458
SSOP
CS
I.C.
DIO
TEMP
FSOTC
WE
VSS
19-1373; Rev 0; 5/98
PART
MAX1458CAE
MAX1458C/D
MAX1458AAE
-40°C to +125°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 SSOP
Dice*
16 SSOP
*
Dice are tested at TA = +25°C, DC parameters only.
Functional Diagram appears at end of data sheet.
Pin Configuration
Ordering Information


Similar Part No. - MAX1458C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVB MAXIM-MAX14585AEVB Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVBT MAXIM-MAX14585AEVBT Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVB MAXIM-MAX14585EVB Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVBT MAXIM-MAX14585EVBT Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
More results

Similar Description - MAX1458C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
Digitally Trimmed Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
ULTRASONIC-SENSOR SIGNAL CONDITIONER
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com