Electronic Components Datasheet Search
  English  ▼

X  

MAX1652EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1652EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX1652–MAX1655 are high-efficiency, pulse-
width-modulated (PWM), step-down DC-DC controllers
in small QSOP packages. The MAX1653/MAX1655 also
come in 16-pin narrow SO packages that are pin-
compatible upgrades to the popular MAX797. Improve-
ments include higher duty-cycle operation for better
dropout, lower quiescent supply currents for better
light-load efficiency, and an output voltage down to 1V
(MAX1655).
The MAX1652–MAX1655 achieve up to 96% efficiency
and deliver up to 10A using a unique Idle Mode™ syn-
chronous-rectified PWM control scheme. These devices
automatically switch between PWM operation at heavy
loads and pulse-frequency-modulated (PFM) operation
at light loads to optimize efficiency over the entire out-
put current range. The MAX1653/MAX1655 also feature
logic-controlled, forced PWM operation for noise-sensi-
tive applications.
All devices operate with a selectable 150kHz/300kHz
switching frequency, which can also be synchronized
to an external clock signal. Both external power switch-
es are inexpensive N-channel MOSFETs, which provide
low resistance while saving space and reducing cost.
The MAX1652 and MAX1654 have an additional feed-
back pin that permits regulation of a low-cost second
output tapped from a transformer winding. The
MAX1652 provides an additional positive output. The
MAX1654 provides an additional negative output.
The MAX1652–MAX1655 have a 4.5V to 30V input volt-
age range. The MAX1652/MAX1653/MAX1654’s output
range is 2.5V to 5.5V while the MAX1655’s output range
extends down to 1V. An evaluation kit (MAX1653EVKIT)
is available to speed designs.
Applications
Notebook Computers
PDAs
Cellular Phones
Hand-Held Computers
Handy-Terminals
Mobile Communicators
Distributed Power
____________________________Features
o 96% Efficiency
o Small, 16-Pin QSOP Package
(half the size of a 16-pin narrow SO)
o Pin-Compatible with MAX797 (MAX1653/MAX1655)
o Output Voltage Down to 1V (MAX1655)
o 4.5V to 30V Input Range
o 99% Duty Cycle for Lower Dropout
o 170µA Quiescent Supply Current
o 3µA Logic-Controlled Shutdown
o Dual, N-Channel, Synchronous-Rectified Control
o Fixed 150kHz/300kHz PWM Switching,
or Synchronized from 190kHz to 340kHz
o Programmable Soft Start
o Low-Cost Secondary Outputs (MAX1652/MAX1654)
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
________________________________________________________________
Maxim Integrated Products
1
19-1357; Rev 1; 7/98
EVALUATION
KIT
AVAILABLE
Ordering Information
Selection Guide
Pin Configurations appear at end of data sheet.
Idle Mode is a trademark of Maxim Integrated Products.
PART
FEEDBACK
VOLTAGE (V)
SPECIAL
FEATURE
COMPATIBILITY
MAX1652
2.5
Regulates positive
secondary voltage
(such as +12V)
Same pin order
as MAX796, but
smaller package
MAX1653
2.5
Logic-controlled,
low-noise mode
Pin-compatible
with MAX797
MAX1654
2.5
Regulates negative
secondary voltage
(such as -5V)
Same pin order
as MAX799, but
smaller package
MAX1655
1
Low output volt-
ages (1V to 5.5V);
logic-controlled,
low-noise mode
Pin compatible
with MAX797
(except for feed-
back voltage)
PART
MAX1652EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
MAX1653EEE
-40°C to +85°C
16 QSOP
MAX1654EEE
-40°C to +85°C
16 QSOP
MAX1653ESE
-40°C to +85°C
16 Narrow SO
MAX1655ESE
-40°C to +85°C
16 Narrow SO
MAX1655EEE
-40°C to +85°C
16 QSOP


Similar Part No. - MAX1652EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1651 MAXIM-MAX1651 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1651 MAXIM-MAX1651 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651 MAXIM-MAX1651 Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1651C/D MAXIM-MAX1651C/D Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1652EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
Step-Up/Down DC-DC Converter in QSOP Package
2002
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com