Electronic Components Datasheet Search
  English  ▼

X  

MAX1652EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1652EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
V
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, GND = PGND = 0V, SYNC = REF, IVL = IREF = 0A, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Note 3: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
0 < (CSH - CSL) < 70mV, FB = VL, 4.5V < V+ < 30V,
includes line and load regulation
0 < (CSH - CSL) < 70mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
CONDITIONS
V
3.16
3.50
3.3V Output Voltage (CSL)
V
4.5
30
Input Supply Range
V
4.80
5.30
5V Output Voltage (CSL)
UNITS
MIN
TYP
MAX
PARAMETER
CSH - CSL, negative
CSH - CSL, positive
-40
-160
Current-Limit Voltage
V
0.96
1.04
Feedback Voltage
2.40
2.60
mV
70
130
FB = CSH = CSL = 5.5V, VL switched over to CSL
SHDN = 0V, V+ = 30V, CSL = 0 or 5.5V
Rising edge, hysteresis = 60mV
No external load (Note 1)
0 < IREF < 100µA
µA
15
V+ Off-State Leakage Current
µA
10
V+ Shutdown Current
V
Rising edge, hysteresis = 50mV
SHDN = 2V, 0 < IVL < 25mA, 5.5V < V+ < 30V
4.2
4.7
VL/CSL Switchover Voltage
V
2.43
2.57
Reference Output Voltage
Falling edge, hysteresis = 22mV (MAX1652)
Falling edge, hysteresis = 22mV (MAX1654)
mV
15
Reference Load Regulation
V
3.75
4.05
VL Fault Lockout Voltage
V
4.7
5.3
VL Output Voltage
2.40
2.60
V
-0.08
0.08
SECFB Regulation Setpoint
SYNC = REF
SYNC = 0 or 5V
97
kHz
210
320
Oscillator Sync Range
kHz
SYNC = REF
120
180
Oscillator Frequency
ns
250
SYNC High Pulse Width
ns
250
SYNC Low Pulse Width
250
350
mW
2
Quiescent Power Consumption
High or low, BST - LX = 4.5V
High or low
SYNC = 0 or 5V
Ω
5
DH On-Resistance
Ω
5
DL On-Resistance
%
98
Maximum Duty Cycle
CSH - CSL = 0V, 5V < V+ < 30V,
CSL = FB, SKIP = 0V
6V < V+ < 30V
%/V
0.06
Line Regulation
3.3V and 5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE
OSCILLATOR AND INPUTS/OUTPUTS
MAX1652/MAX1653/
MAX1654
MAX1655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com