Electronic Components Datasheet Search
  English  ▼

X  

MAX1652EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1652EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
______________________________________________________________________________________
15
In discontinuous (light-load) mode, the synchronous
switch is turned off as the inductor current falls through
zero. The synchronous rectifier works under all operat-
ing conditions, including idle mode. The synchronous-
switch timing is further controlled by the secondary
feedback (SECFB) signal in order to improve multiple-
output cross-regulation (see
Secondary Feedback-
Regulation Loop section).
Internal VL and REF Supplies
An internal regulator produces the 5V supply (VL) that
powers the PWM controller, logic, reference, and other
blocks. This +5V low-dropout linear regulator can sup-
ply up to 5mA for external loads, with a reserve of
20mA for gate-drive power. Bypass VL to GND with
4.7µF. Important: VL must not be allowed to exceed
5.5V. Measure VL with the main output fully loaded. If
VL is being pumped up above 5.5V, the probable
cause is either excessive boost-diode capacitance or
excessive ripple at V+. Use only small-signal diodes for
D2 (10mA to 100mA Schottky or 1N4148 are preferred)
and bypass V+ to PGND with 0.1µF directly at the
package pins.
The 2.5V reference (REF) is accurate to ±1.6% over
temperature, making REF useful as a precision system
reference. Bypass REF to GND with 0.33µF minimum.
REF can supply up to 1mA for external loads. However,
if tight-accuracy specs for either VOUT or REF are
essential, avoid loading REF with more than 100µA.
Loading REF reduces the main output voltage slightly,
according to the reference-voltage load regulation
error. In MAX1654 applications, ensure that the SECFB
divider doesn’t load REF heavily.
When the main output voltage is above 4.5V, an internal
P-channel MOSFET switch connects CSL to VL while
simultaneously shutting down the VL linear regulator.
This action bootstraps the IC, powering the internal cir-
cuitry from the output voltage, rather than through a lin-
ear regulator from the battery. Bootstrapping reduces
power dissipation caused by gate-charge and quies-
cent losses by providing that power from a 90%-effi-
cient switch-mode source, rather than from a less
efficient linear regulator.
It’s often possible to achieve a bootstrap-like effect,
even for circuits that are set to VOUT < 4.5V, by power-
ing VL from an external-system +5V supply. To achieve
this pseudo-bootstrap, add a Schottky diode between
the external +5V source and VL, with the cathode to the
VL side. This circuit provides a 1% to 2% efficiency
boost and also extends the minimum battery input to
less than 4V. The external source must be in the range
of 4.8V to 5.5V.
Boost High-Side
Gate-Driver Supply (BST Pin)
Gate-drive voltage for the high-side N-channel switch is
generated by a flying-capacitor boost circuit as shown
in Figure 5. The capacitor is alternately charged from
the VL supply and placed in parallel with the high-side
MOSFET’s gate-source terminals.
On start-up, the synchronous rectifier (low-side MOS-
FET) forces LX to 0V and charges the BST capacitor to
5V. On the second half-cycle, the PWM turns on the
high-side MOSFET by closing an internal switch
between BST and DH. This provides the necessary
enhancement voltage to turn on the high-side switch,
FB
REF
CSH
CSL
SLOPE COMPENSATION
VL
I1
R1
R2
TO PWM
LOGIC
OUTPUT DRIVER
UNCOMPENSATED
HIGH-SPEED
LEVEL TRANSLATOR
AND BUFFER
I2
I3
Figure 4. Main PWM Comparator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com