Electronic Components Datasheet Search
  English  ▼

X  

MAX1652EEE Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1652EEE Datasheet HTML 20Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 21Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 22Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 23Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 24Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 25Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 26Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 27Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
__________Applications Information
Heavy-Load Efficiency Considerations
The major efficiency loss mechanisms under loads (in
the usual order of importance) are:
• P(I2R), I2R losses
• P(gate), gate-charge losses
• P(diode), diode-conduction losses
• P(tran), transition losses
• P(cap), capacitor ESR losses
• P(IC), losses due to the operating supply current
of the IC
Inductor-core losses are fairly low at heavy loads
because the inductor’s AC current component is small.
Therefore, they aren’t accounted for in this analysis.
Ferrite cores are preferred, especially at 300kHz, but
powdered cores such as Kool-mu can work well.
Efficiency = POUT / PIN x 100%
= POUT / (POUT + PTOTAL) x 100%
PTOTAL = P(I2R) + P(gate) + P(diode) + P(tran) +
P(cap) + P(IC)
P(I2R) = (ILOAD)2 x (RDC + RDS(ON) + RSENSE)
where RDC is the DC resistance of the coil, RDS(ON) is
the MOSFET on-resistance, and RSENSE is the current-
sense resistor value. The RDS(ON) term assumes identi-
cal MOSFETs for the high- and low-side switches
because they time-share the inductor current. If the
MOSFETs aren’t identical, their losses can be estimat-
ed by averaging the losses according to duty factor.
P(gate) = gate-driver loss = qG x f x VL
where VL is the MAX1652 internal logic supply voltage
(5V), and qG is the sum of the gate-charge values for
low- and high-side switches. For matched MOSFETs,
qG is twice the data sheet value of an individual
MOSFET. If VOUT is set to less than 4.5V, replace VL in
this equation with VBATT. In this case, efficiency can be
improved by connecting VL to an efficient 5V source,
such as the system +5V supply.
P(diode) = diode conduction losses
= ILOAD x VFWD x tD x f
where tD is the diode conduction time (120ns typ) and
VFWD is the forward voltage of the Schottky.
PD(tran) = transition loss =
VBATT x CRSS
VBATT x ILOAD x f x
(——————— + 20ns)
IGATE
where CRSS is the reverse transfer capacitance of the
high-side MOSFET (a data sheet parameter), IGATE is
the DH gate-driver peak output current (1A typ), and
20ns is the rise/fall time of the DH driver.
P(cap) = input capacitor ESR loss = (IRMS)2 x RESR
where IRMS is the input ripple current as calculated in the
Input Capacitor Value section of the Design Procedure.
Light-Load Efficiency Considerations
Under light loads, the PWM operates in discontinuous
mode, where the inductor current discharges to zero at
some point during the switching cycle. This causes the
AC component of the inductor current to be high com-
pared to the load current, which increases core losses
and I2R losses in the output filter capacitors. Obtain best
light-load efficiency by using MOSFETs with moderate
gate-charge levels and by using ferrite, MPP, or other
low-loss core material. Avoid powdered iron cores; even
Kool-mu (aluminum alloy) is not as good as ferrite.
__PC Board Layout Considerations
Good PC board layout is
required to achieve specified
noise, efficiency, and stability performance. The PC
board layout artist must be provided with explicit
instructions, preferably a pencil sketch of the place-
ment of power switching components and high-current
routing. See the evaluation kit PC board layouts in the
MAX1653, MAX796, and MAX797 EV kit manuals for
examples. A ground plane is essential for optimum per-
formance. In most applications, the circuit will be locat-
ed on a multilayer board, and full use of the four or
more copper layers is recommended. Use the top layer
for high-current connections, the bottom layer for quiet
connections (REF, SS, GND), and the inner layers for
an uninterrupted ground plane. Use the following step-
by-step guide.
1) Place the high-power components (C1, C2, Q1, Q2,
D1, L1, and R1) first, with their grounds adjacent.
Priority 1:
Minimize current-sense resistor trace
lengths (see Figure 9).
Priority 2:
Minimize ground trace lengths in the
high-current paths (discussed below).
Priority 3:
Minimize other trace lengths in the high-
current paths. Use >5mm wide traces.
C1 to Q1: 10mm max length. D1 anode to
Q2: 5mm max length LX node (Q1
source, Q2 drain, D1 cathode, inductor):
15mm max length
Ideally, surface-mount power components are
butted up to one another with their ground terminals
almost touching. These high-current grounds (C1-,
C2-, source of Q2, anode of D1, and PGND) are
then connected to each other with a wide filled zone
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
24
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com