Electronic Components Datasheet Search
  English  ▼

X  

MAX1652EEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1652EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 20Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 21Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
18
______________________________________________________________________________________
With high input voltages, the required duty factor is
approximately (VOUT + VQ2)/ VIN, where VQ2 is the volt-
age drop across the synchronous rectifier. The
MAX1652’s minimum duty factor is determined by
delays through the feedback network, error comparator,
internal logic gate drivers, and the external MOSFETs,
which typically total 400ns. This delay is about 12% of
the switching period at 300kHz and 6% at 150kHz, limit-
ing the typical minimum duty factor to these values.
Even if the circuit can not attain the required duty factor
dictated by the input and output voltages, the output
voltage will remain in regulation. However, there may be
intermittent or continuous half-frequency operation. This
can cause a factor-of-two increase in output voltage rip-
ple and current ripple, which will increase noise and
reduce efficiency. Choose 150kHz operation for high-
input-voltage/low-output-voltage circuits.
Secondary Feedback-Regulation Loop
(SECFB Pin)
A flyback winding control loop regulates a secondary
winding output (MAX1652/MAX1654 only), improving
cross-regulation when the primary is lightly loaded
or when there is a low input-output differential voltage.
If SECFB crosses its regulation threshold, a 1µs one-
shot is triggered that extends the low-side switch’s
on-time beyond the point where the inductor current
crosses zero (in discontinuous mode). This causes the
inductor (primary) current to reverse, which in turn pulls
current out of the output filter capacitor and causes the
flyback transformer to operate in the forward mode. The
low impedance presented by the transformer secondary
in the forward mode dumps current into the secondary
output, charging up the secondary capacitor and bring-
ing SECFB back into regulation. The SECFB feedback
loop does not improve secondary output accuracy in
normal flyback mode, where the main (primary) output is
heavily loaded. In this mode, secondary output accura-
cy is determined (as usual) by the secondary rectifier
drop, turns ratio, and accuracy of the main output volt-
age. Hence, a linear post-regulator may still be needed
in order to meet tight output accuracy specifications.
The secondary output voltage-regulation point is deter-
mined by an external resistor-divider at SECFB. For neg-
ative output voltages, the SECFB comparator is
referenced to GND (MAX1654); for positive output volt-
ages, SECFB regulates at the 2.50V reference
(MAX1652). As a result, output resistor-divider connec-
tions and design equations for the two device types dif-
fer slightly (Figure 7). Ordinarily, the secondary
regulation point is set 5% to 10% below the voltage nor-
mally produced by the flyback effect. For example, if the
MAX1654
NEGATIVE
SECONDARY
OUTPUT
MAIN
OUTPUT
DH
V+
SECFB
R3
R2
1-SHOT
TRIG
DL
0.33
µF
REF
MAX1652
POSITIVE
SECONDARY
OUTPUT
MAIN
OUTPUT
DH
V+
SECFB
2.5V REF
R3
R2
1-SHOT
TRIG
DL
+VTRIP
WHERE VREF (NOMINAL) = 2.5V
= VREF (1 + –––)
R2
R3
-VTRIP
R3 = 100k
Ω (RECOMMENDED)
= -VREF (–––)
R2
R3
Figure 7. Secondary-Output Feedback Dividers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com