Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Detailed Description
The MAX1970/MAX1971/MAX1972 are dual-output,
fixed-frequency, current-mode, PWM, step-down
DC/DC converters. The MAX1970 and MAX1972 switch
at 1.4 MHz while the MAX1971 switches at 700kHz. The
two converters on each IC switch 180° out of phase
with each other to reduce input ripple current. The
high-switching frequency allows use of smaller capaci-
tors for filtering and decoupling. Internal synchronous
rectifiers improve efficiency and eliminate the typical
Schottky freewheeling diode. The on-resistances of the
internal MOSFETs are used to sense the switch cur-
rents for controlling and protecting the MOSFETs, elimi-
nating current-sensing resistors to further improve
efficiency and cost.
The input voltage range is 2.6V to 5.5V. Each converter
has a three-mode feedback input. Internally, OUT1 is
set to either 3.3V or 1.8V, and OUT2 to 2.5V or 1.5V by
connecting FBSEL1 and FBSEL2 to VCC or GND,
respectively. When FBSEL1 or FBSEL2 are floating,
each output can be set to any voltage between 1.2V
and VIN through an external resistive divider. Having an
output below 1.2V is also possible (see the Output
Voltage Selection section).
DC-DC Controller
The MAX1970/MAX1971/MAX1972 family of step-down
converters uses a pulse-width-modulating (PWM) current-
mode control scheme. The heart of the current-mode
PWM controller is an open-loop comparator that com-
pares the integrated voltage-feedback signal against
the sum of the amplified current-sense signal and the
slope compensation ramp. At each rising edge of the
internal clock, the internal high-side MOSFET turns on
until the PWM comparator trips. During this on time,
current ramps up through the inductor, sourcing cur-
rent to the output and storing energy in a magnetic
field. The current-mode feedback system regulates the
peak inductor current as a function of the output volt-
age error signal. Since the average inductor current is
nearly the same as the peak inductor current (assum-
ing that the inductor value is relatively high to minimize
ripple current), the circuit acts as a switch-mode
transconductance amplifier. It pushes the output LC filter
pole, normally found in a voltage-mode PWM, to a higher
frequency. To preserve inner loop stability and eliminate
inductor stair casing, a slope-compensation ramp is
summed into the main PWM comparator. During the
second half of the cycle, the internal high-side MOSFET
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
______________________________________________________________________________________
11
NAME
PIN
MAX1970/MAX1972
MAX1971
FUNCTION
9
POR
POR
Active-Low Power-On Reset Output. Open-drain output goes high 16.6ms
(MAX1970) or 175ms (MAX1971 or MAX1972) after both outputs reach 92% of
nominal value, and RSI (MAX1971 only) is low.
10
EN
EN
Enable Input. Drive high to turn on both OUT1 and OUT2. Drive low to place the
device in shutdown.
PFO
—
Power-Fail Output. Open-drain output goes high when VCC drops below 3.94V.
Useful for detecting a valid USB input voltage.
11
—
RSI
Noninverting Reset Input. Causes POR to go low when RSI is high. Allows POR to
go high 175ms after RSI falls, if outputs are in regulation.
12
FBSEL2
FBSEL2
Regulator 2 Feedback Select. Connect to VCC to set VOUT2 to 2.5V. Connect to
GND to set VOUT2 to 1.5V. Leave unconnected to use external feedback resistors.
13
FBSEL1
FBSEL1
Regulator 1 Feedback Select. Connect to VCC to set VOUT1 to 3.3V. Connect to
GND to set VOUT1 to 1.8V. Leave unconnected to use external feedback resistors.
14
IN
IN
Power-Supply Voltage. Input range from 2.6V to 5.5V. Bypass with 10µF capacitor
to PGND.
15
LX2
LX2
Inductor Connection 2. Connect an inductor between LX2 and OUT2.
16
PGND
PGND
Power Ground
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com