Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
As the load current decreases, the modulator pole also
decreases; however, the modulator gain increases
accordingly, and the closed-loop unity-gain frequency
remains the same. Below is a numerical example to cal-
culate RC and CC values of the typical application cir-
cuit of Figure 4, where:
VOUT = 2.5V
IOUT(MAX) = 0.6A
COUT = 10µF
RESR = 0.010
Ω
gmEA = 50µS
gmC = 2S
fSWITCH = 1.4 MHz
RLOAD = VOUT / IOUT(MAX) = 2.5V / 0.6 A = 4.167
Ω
fpMOD = 1 / [2
π COUT (RLOAD + RESR)] = 1 / [2π ✕
10 ✕ 10
-6 (4.167 + 0.01)] = 3.80 kHz.
fzESR = 1 / [2
π COUT RESR] = 1 / [2π ✕ 10 ✕ 10-6 ✕
0.01] = 1.59 MHz.
Pick a closed-loop unity-gain frequency (fc) of 50kHz.
The power modulator gain at fc is:
GMOD(fc) = gmc ✕ RLOAD ✕ fpMOD / fc = 2 ✕ 4.167
✕ 3.80k / 50k = 0.635
then:
RC = VO / (gmEA VFB GMOD(fc)) = 2.5 / (50 ✕ 10
-6 ✕
1.2 ✕ 0.635)
≈ 62kΩ
CC = VOUT ✕ ( COUT / RC ) ✕ IOUT(MAX) = 2.5 ✕ 4.7
✕10
-6 / 62k ✕ 0.6
≈ 680pF
Applications Information
PC Board Layout
Careful PC board layout is critical to achieve clean and
stable operation. The switching power stage requires
particular attention. Follow these guidelines for good
PC board layout:
1) Place decoupling capacitors as close to IC pins as
possible. Keep power ground plane (connected to
PGND) and signal ground plane (connected to
GND) separate. Connect the two ground planes
together with a single connection from PGND to
GND.
2) Input and output capacitors are connected to the
power ground plane; all other capacitors are con-
nected to signal ground plane.
3) Keep the high-current paths as short and wide as
possible.
4) If possible, connect IN, LX1, LX2, and PGND sepa-
rately to a large land area to help cool the IC to fur-
ther improve efficiency and long-term reliability.
5) Ensure all feedback connections are short and
direct. Place the feedback resistors as close to the
IC as possible.
6) Route high-speed switching nodes away from sen-
sitive analog areas (FB1, FB2, COMP1, COMP2).
Chip Information
TRANSISTOR COUNT: 5428
PROCESS: BiCMOS
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
______________________________________________________________________________________
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com