Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VEN = 5V, VFB1 = VFB2 = 1.15V, R POR = 100k
Ω to IN, RPFO = 100kΩ to IN, RSI = 0, CVCC = 0.1µF, CREF = 0.1µF,
FBSEL1 = unconnected, FBSEL2 = unconnected, TA = -40°C to +85°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PFO (MAX1970 and MAX1972 Only)
VCC rising
4.12
PFO Trip Threshold
IN = VCC
VCC falling
3.86
V
PFO Output Current, High
PFO = IN
-1
1
µA
PFO Output Voltage, Low
IPFO = 1mA, VIN = 4.3V
0.05
V
EN AND RSI (MAX1971 Only)
VIL
0.4
Logic Input Thresholds
IN = 2.6V to 5.5V
VIH
1.6
V
RSI Input Resistance
Internal pullup resistor to IN
5
20
k
Ω
VIL
-1
1
EN Logic Input Current
Logic Input at 0 or
5.5V, VIN = 5.5V
VIH
-1
1
µA
Note 1: Refer to the Output Voltage Selection section.
Note 2: Specifications to -40°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com