Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1971EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VCC = VEN = 5V, R POR = 100k
Ω to IN, RPFO = 100kΩ to IN, VRSI = 0, CREF = 0.1µF, FBSEL1 = unconnected, FBSEL2 =
unconnected, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PFO (MAX1970 and MAX1972 Only)
VCC rising
4.04
4.12
PFO Trip Threshold
IN = VCC
VCC falling
3.86
3.94
V
PFO Output Current, High
PFO = IN
-1
1
µA
PFO Output Voltage, Low
IPFO = 1mA, VIN = 4.3V
0.01
0.05
V
EN AND RSI (MAX1971 Only)
VIL
0.4
0.95
Logic Input Thresholds
IN = 2.6V to 5.5V
VIH
1.0
1.6
V
RSI Input Resistance
Internal pullup resistor to IN
5
10
20
k
Ω
VIL
-1
1
EN Logic Input Current
Logic input at 0 or
5.5V, VIN = 5.5V
VIH
-1
1
µA
ELECTRICAL CHARACTERISTICS
(VIN = VCC = VEN = 5V, VFB1 = VFB2 = 1.15V, R POR = 100k
Ω to IN, RPFO = 100kΩ to IN, RSI = 0, CVCC = 0.1µF, CREF = 0.1µF,
FBSEL1 = unconnected, FBSEL2 = unconnected, TA = -40°C to +85°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN AND VCC
IN Voltage Range
2.6
5.5
V
MAX1971
10
IN Supply Current
Switching with no load
VIN = 3.3V
MAX1970/MAX1972
20
mA
MAX1970/MAX1972
20
IN Shutdown Current
VIN = 5.5V, VEN = 0
MAX1971
100
µA
VCC rising
2.55
VCC Undervoltage
Lockout Threshold
VCC falling
2.20
V
REF
REF Voltage
IREF = 0, VIN = 2.6V to 5.5V
1.185
1.212
V
REF Shutdown Resistance
REF to GND, VEN=0
25
Ω
REF Soft-Start Current
VREF = 1V
20
30
µA
FB1 AND FB2
FB_ Regulation Voltage
FBSEL_ = unconnected, OUT1 = FB1, OUT2 = FB2,
VCOMP_ = 1.20V to 1.80V, VIN = 2.6V to 5.5V
1.185
1.212
V
OUT_ Voltage Range
FBSEL_ = unconnected
1.2
VIN
V
VIN = 2.6V to 5.5V
VCOMP1 = 1.2V, FBSEL1= GND
1.778
1.818
OUT1 Regulation Voltage
VIN = 4.5V to 5.5V
VCOMP1 = 1.2V, FBSEL1 = VCC
3.259
3.333
V
VCOMP2 = 1.2V, FBSEL2 = GND
1.481
1.515
OUT2 Regulation Voltage
VIN = 2.6V to 5.5V
VCOMP2 = 1.2V, FBSEL2 = VCC
2.469
2.525
V
Maximum Output Current
Guaranteed by design (Note 1)
750
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com