Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
For most designs, a reasonable inductor value (LINIT) is
derived from the following equation:
Keep the inductor current ripple percentage LIR
between 20% and 40% of the maximum load current for
best compromise of cost, size, and performance. The
maximum inductor current is:
Input Capacitor
The input filter capacitor reduces peak currents drawn
from the power source and reduces noise and voltage
ripple on the input caused by the circuit’s switching.
The input capacitor must meet the ripple current
requirement (IRMS) imposed by the switching currents
defined by the following equation:
A ceramic capacitor is recommended due to its low
equivalent series resistance (ESR), equivalent series
inductance (ESL), and lower cost. Choose a capacitor
that exhibits less than a 10°C temperature rise at the
maximum operating RMS current for optimum long-term
reliability.
Output Capacitor
The key selection parameters for the output capacitor
are its capacitance, ESR, ESL, and the voltage rating
requirements. These affect the overall stability, output
ripple voltage, and transient response of the DC-DC
converter.
The output ripple is due to variations in the charge
stored in the output capacitor, the voltage drop due to
the capacitor’s ESR, and the voltage drop due to the
capacitor’s ESL.
The output voltage ripple due to the output capaci-
tance, ESR, and ESL is:
VRIPPLE (ESL) = (IP-P / TON) ✕ ESL or (IP-P / TOFF) ✕
ESL, whichever is greater.
IP-P is the peak-to-peak inductor current:
These equations are suitable for initial capacitor selec-
tion, but final values should be set by testing a proto-
type or evaluation circuit. As a rule, a smaller ripple
current results in less output voltage ripple. Since the
inductor ripple current is a factor of the inductor value,
the output voltage ripple decreases with larger induc-
tance. Ceramic capacitors are recommended due to
their low ESR and ESL at the switching frequency of the
converter. For ceramic capacitors, the ripple voltage
due to ESL is negligible.
Load transient response depends on the selected out-
put capacitor. During a load transient, the output
instantly changes by ESR ✕
∆ILOAD. Before the con-
I
VV
fL
V
V
PP
IN
OUT
SW
OUT
IN
− =
−
×
×
V
I
ESR
RIPPLE ESR
P P
() =×
−
V
I
Cf
RIPPLE C
PP
OUT
SW
() =
××
−
8
VV
V
V
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE ESL
=+
+
()
(
)
(
)
I
V
IV
V
V
IV
V
V
RMS
IN
OUT
OUT
IN
OUT
OUT
OUT
IN
OUT
=
×−
()+
×−
()
1
11
1
22
2
2
2
I
LIR
I
L MAX
OUT MAX
()
()
=+


1
2
L
VV
V
V
LIR
I
f
INIT
OUT
IN
OUT
IN
OUT MAX
OSC
=
−
()
××
×
()
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
______________________________________________________________________________________
17
Table 1. Output Voltage Settings
FBSEL1
OUTPUT 1
FBSEL2
OUTPUT 2
VCC
3.3V
VCC
2.5V
GND
1.8V
GND
1.5V
Open
Ext Divider
Open
Ext Divider
Table 2. Suggested Inductors
MANUFACTURER
PART
INDUCTANCE
(µH)
ESR
(m
Ω)
SATURATION
CURRENT (A)
DIMENSIONS (mm)
Coilcraft
DO1606
4.7
120
1.2
5.3 ✕ 5.3 ✕ 2
Sumida
CR43-4R7
4.7
108.7
1.15
4.5 ✕ 4 ✕ 3.5
Sumida
CDRH3D16-4R7
4.7
80
0.9
3.8 ✕ 3.8 ✕ 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com