Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 17Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 18Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 19Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
troller can respond, the output deviates further,
depending on the inductor and output capacitor
values. After a short time (see the Typical Operating
Characteristics), the controller responds by regulating
the output voltage back to its nominal state. The con-
troller response time depends on the closed-loop
bandwidth. With a higher bandwidth, the response time
is faster, thus preventing the output from deviating fur-
ther from its regulating value.
Compensation Design
An internal transconductance error amplifier is used to
compensate the control loop. Connect a series resistor
and capacitor between COMP and GND to form a pole-
zero pair. The external inductor, internal high-side
MOSFET, output capacitor, compensation resistor, and
compensation capacitor determine the loop stability.
The inductor and output capacitor are chosen based
on performance, size, and cost. Additionally, the com-
pensation resistor and capacitor are selected to opti-
mize control-loop stability. The component values
shown in the typical application circuits (Figures 3, 4,
and 5) yield stable operation over a broad range of
input-to-output voltages.
The controller uses a current-mode control scheme that
regulates the output voltage by forcing the required
current through the external inductor. The voltage
across the internal high-side MOSFET’s on-resistance
(RDS(ON)) is used to sense the inductor current. Current
mode control eliminates the double pole caused by the
inductor and output capacitor, which has large phase
shift that requires more elaborate error-amplifier com-
pensation. A simple Type 1 compensation with single
compensation resistor (RC) and compensation capaci-
tor (CC) is all that is needed to have a stable and high-
bandwidth loop.
The basic regulator loop consists of a power modulator,
an output feedback divider, and an error amplifier. The
power modulator has DC gain set by gmc x RLOAD,
with a pole and zero pair set by RLOAD, the output
capacitor (COUT), and its ESR. Below are equations
that define the power modulator:
The pole frequency for the modulator is:
The zero frequency for the output capacitor ESR is:
where, RLOAD = VOUT/IOUT(MAX), and GMC = 2µS. The
feedback divider has a gain of GFB = VFB/VOUT, where
VFB is equal to 1.2V. The transconductance error ampli-
fier has a DC gain, GEA(DC), of 60dB. A dominant pole
is set by the compensation capacitor, CC, the output
resistance of the error amplifier (ROEA), 20M
Ω, and the
compensation resistor, RC. A zero is set by RC and CC.
The pole frequency set by the transconductance ampli-
fier output resistance, and compensation resistor and
capacitor is:
The zero frequency set by the compensation capacitor
and resistor is:
For best stability and response performance, the
closed-loop unity-gain frequency must be much higher
than the modulator pole frequency. In addition, the
closed-loop unity-gain frequency should be approxi-
mately 50kHz. The loop gain equation at unity gain fre-
quency then is:
Where GEA(fc) = gmEA ✕ RC, and GMOD(fc) = gmc ✕
RLOAD ✕ fpMOD/fc, where gmEA = 50µS, RC can be
calculated as:
The error-amplifier compensation zero formed by RC
and CC is set at the modulator pole frequency at maxi-
mum load. CC is calculated as follows:
CV
C
RI
C
OUT
OUT
C
OUT MAX
=×
×
()
R
V
gm
V
G
C
O
EA
FB
MOD fc
=
××
()
GG
V
V
EA fc
MOD fc
FB
O
()
()
××
=1
fz
CR
EA
CC
=
××
1
2
π
fp
CR
EA
C
OEA
=
××
1
2
π
fz
C
ESR
ESR
OUT
=
××
1
2
π
fp
C
R
ESR
MOD
OUT
LOAD
=
××
+
()
1
2
π
G
gmc
R
MOD
LOAD
=×
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
18
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com