Electronic Components Datasheet Search
  English  ▼

X  

MAX1971EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1971EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1971EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1971EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1971EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
______________________________________________________________________________________
13
the PWM comparator’s inverting input. The PWM com-
parator turns off the internal high-side MOSFET when
this sum exceeds the integrated feedback voltage.
Current Limit
The internal MOSFET has a current limit of 1.2A (typ). If
the current flowing out of LX_ exceeds this maximum,
the high-side MOSFET turns off and the synchronous
rectifier MOSFET turns on. This lowers the duty cycle
and causes the output voltage to droop until the current
limit is no longer exceeded. There is also a synchro-
nous rectifier current limit of -0.85A. This is to protect
the device from current flowing into LX_. If the negative
current limit is exceeded, the synchronous rectifier is
turned off, and the inductor current continues to flow
through the high-side MOSFET body diode back to the
input until the beginning of the next cycle or until the
inductor current drops to zero.
VCC Decoupling
Due to the high-switching frequency and tight output
tolerance (±1%), decoupling between IN and VCC is
recommended. Connect a 10
Ω resistor between IN and
VCC and a 0.1µF ceramic capacitor from VCC to GND.
Place the resistor and capacitor as close to VCC as
possible.
Startup
To reduce the supply inrush current, soft-start circuitry
ramps up the output voltage during startup. This is
done by charging the REF capacitor with a current
source of 25µA. Once REF reaches 1.2V, the output is
in full regulation. The soft-start time is determined from:
Soft-start occurs when power is first applied, and when
EN is pulled high with power already present. The part
also goes through soft-start when coming out of under-
voltage lockout (UVLO) or thermal shutdown. The range
of capacitor values for CREF is from 0.01µF to 1.0µF.
Undervoltage Lockout
If VCC drops below 2.35V, the MAX1970/MAX1971/
MAX1972 assume that the supply voltage is too low to
provide a valid output voltage, and the UVLO circuit
inhibits switching. Once VCC rises above 2.4V, the
UVLO is disabled and the soft-start sequence initiates.
Enable
A logic-enable input (EN) is provided. For normal oper-
ation, drive EN logic high. Driving EN low turns off both
outputs, and reduces the input supply current to
approximately 1µA.
Power-Fail Output
The input voltage is sensed for 5V (typical USB applica-
tions), and if VCC drops below 3.94V, the power-fail out-
put (PFO) goes high. The time from PFO going high to
the outputs going out of regulation depends on the oper-
ating output voltage and currents, and the upstream 5V
bus storage capacitor value, which is 120µF minimum
(per USB specification, version 2.0). The lower the oper-
ating voltages and currents, and the higher the storage
capacitor, the longer the elapsed time. PFO is an open-
drain output, and a 10k to 100k pullup resistor to VCC, or
either output, is recommended.
Power-On Reset
Power-on reset (POR) provides a system reset signal.
During power-up, POR is held low until both outputs
reach 92% of their regulated voltages, POR continues
to be held low for a delayed period, and then goes
high. This delay time (TD) for MAX1970 is 16.6ms. The
MAX1971 and MAX1972 have a delay of 175ms. Figure
2 is an example of a timing diagram.
The POR comparator is designed to be relatively
immune to short-duration negative-going output glitch-
es.The Typical Operating Characteristics gives a plot of
maximum transient duration vs. POR comparator over-
drive. The graph was generated using a negative-going
pulse applied to an output, starting at 100mV above the
actual POR threshold, dropping below the POR thresh-
old by the percentage indicated as comparator over-
drive, and then returning to 100mV above the
threshold. The graph indicates the maximum pulse
width the output transient can have without causing
POR to trip low.
Reset Input
Reset input (RSI) is an input on the MAX1971 that,
when driven high, forces the POR to go low. When RSI
goes low, POR goes through a delay time identical to a
power-up event. See Figure 2 for timing diagram. RSI
allows software to command a system reset. RSI must
be high for a minimum period of 1µs in order to initiate
the POR.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion. When the IC’s junction temperature exceeds TJ =
+170°C, a thermal sensor shuts down the device,
allowing the IC to cool. The thermal sensor turns the
part on again after the junction temperature cools by
20°C. This results in a pulsed output during continuous
overload conditions.
During a thermal event, POR goes low, PFO goes high,
and soft-start is reset.
t
V
I
CC
SS
REF
REF
REF
REF
==
×
×
48
10
4
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com