Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 32 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3531 Datasheet HTML 28Page - International Rectifier IR3531 Datasheet HTML 29Page - International Rectifier IR3531 Datasheet HTML 30Page - International Rectifier IR3531 Datasheet HTML 31Page - International Rectifier IR3531 Datasheet HTML 32Page - International Rectifier IR3531 Datasheet HTML 33Page - International Rectifier IR3531 Datasheet HTML 34Page - International Rectifier IR3531 Datasheet HTML 35Page - International Rectifier IR3531 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
32
DESIGN PROCEDURES
IR3531 EXTERNAL COMPONENTS
Switching Frequency Setting
Use of internal oscillator mode is not recommended. Use
the SCLK input to set PWM frequency. When SCLK is used,
ROSC should be present, and selected for the per phase
switching frequency in use. The chart below shows the
relationship between the per-phase switching frequency
and the ROSC value.
Figure 17: RROSC vs. Per-phase Switching Frequency
ADDRESS AND PHASE NUMBER PROGRAMMING
RESISTORS RADDR1 AND RADDR2
The ADDR pin is multi-function: SVID addressing for Rail0
and Rail1, internal/external clock synchronization and
Turbo enable/disable is selected through this pin. Choose
RADDR2 and apply the following equation to determine
RADDR1:
2
*
100
*
%
100
%
1
1
RADDR
VDAC
VDAC
RADDR
where, %VDAC is the desired percentage of VDAC found
in Table 1.
ICCP PROGRAMMING RESISTORS
RICCP1 AND RICCP2
The ICCP programming resistors are used to program the
maximum currents Rail0 and Rail1 can support. Choose
RICCP2 and follow the equation below to calculate RICCP1.
2
*
100
*
%
100
%
1
1
RICCP
VDAC
VDAC
RICCP
where, %VDAC is the desired percentage of VDAC found in
Table 7.
PHASE SHEDDING IMPLEMENTATION CIRCUITS
The following is a proposed circuit to implement phase
shedding. Two signals (S1 and S2) drive logic level
MOSFETs to produce a four level PHSSHED signal.
The operation is described in Table 6.
Figure 18: Phase Shedding Implementation
TABLE 10: PHASE SHEDDING CONTROL
S1
S2
V(PHSSHED)
Phases
0
0
VCC
Drop 3 Phases
0
1
0.625* VCC
Drop 2 Phases
1
0
0.31* VCC
Drop 1 Phases
1
1
0V
Drop 0 Phases
IMON AND IMON1 CAPACITORS
Use 100nF for CIMON and CIMON1 to provide an
approximate 1ms filtered time constant for current
reporting data.
VCC BIAS REGULATOR POWER STAGE
COMPONENTS
Use a 10 µH inductor with a current rating no less than 2 A.
Use a Schottky diode with operating current of 1 A or
higher and capable of withstanding 2 A for short periods of
time. A 10 µF capacitor ceramic capacitor rated for 16V is
recommended for charge storage and filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com