Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 14 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR3531 Datasheet HTML 10Page - International Rectifier IR3531 Datasheet HTML 11Page - International Rectifier IR3531 Datasheet HTML 12Page - International Rectifier IR3531 Datasheet HTML 13Page - International Rectifier IR3531 Datasheet HTML 14Page - International Rectifier IR3531 Datasheet HTML 15Page - International Rectifier IR3531 Datasheet HTML 16Page - International Rectifier IR3531 Datasheet HTML 17Page - International Rectifier IR3531 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
14
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
BBR1# Sink Resistance
BBRSNKRES
10
35
60
Ω
BBR1# High Voltage
BBRHIGH
I(BBR1#) = -1mA, measure V(VCC)
– V(BBR1#)
0
0.4
0.8
V
BBR1# Low Voltage
BBRLOW
I(BBR1#) = 1mA
0
0.35
0.8
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
RSABW
Note 1
1.5
3.2
4.5
mV
Input Outset Voltage
RSAOFF
0.25V≤ V(VOSEN+) - V(VOSEN-)
≤ 1.52V,
0.25V≤ V(VOSEN1+) - V(VOSEN1-)
≤ 1.52V
-5
0
5
mV
Sink Current
RSASINK
0.5V≤ V(VOSEN+) - V(VOSEN-)
≤ 1.52V,
0.5V≤ V(VOSEN1+) - V(VOSEN1-)
≤ 1.52V
0.4
1
2
mA
V(VOSEN+) - V(VOSEN-) = 0.25V,
V(VOSEN1+) - V(VOSEN1-) =
0.25V
0.225
0.5
0.8
Source Current
RSASRC
0.25V≤ V(VOSEN+) - V(VOSEN-)
≤ 1.52V,
0.25V≤ V(VOSEN1+) - V(VOSEN1-)
≤ 1.52V
3
9
20
mA
Slew Rate
RSASLEW
0.25V≤ V(VOSEN+) - V(VOSEN-)
≤ 1.52V,
0.25V≤ V(VOSEN1+) - V(VOSEN1-)
≤ 1.52V
2
4
8
V/µs
VOSEN+ Bias Current
VOSNS-BIAS
0.25 V < V(VOSEN+) < 1.52V,
0.25 V < V(VOSEN1+) < 1.52V
-
27
50
µA
VOSEN- Bias Current
VOSNS+BIAS
-0.3V ≤ VOSEN- ≤ 0.3V, All VID
Codes,
-0.3V ≤ VOSEN1- ≤ 0.3V, All VID
Codes
-
27
70
µA
High Voltage
VOHIGH
V(VCC) – V(VO), V(VCC) – V(VO1)
1.5
2
2.5
V
Low Voltage
VOLOW
V(VCC) = 7V
-
60
100
mV
VRHOT# Comparator
Output Voltage
VRHTOUT
I(VRHOT#) = 30mA
-
150
400
mV
VRHOT# Leakage Current
VRHTLEAK
V(VRHOT#) = 5.5V
-
0
10
µA
Platform Test Mode
Comparator Threshold
PTMTHR
Raise ADDR voltage after VIN
power-up
2.2
2.6
3.1
V
Link States Reset Timer
PTMTIME
20
-
24
µs
VR Settled
Comparator Offset
VRSTLOFF
Compare FB to VDAC reference
-
20
-
mV
Delay to ALERT#
VRSTLDELAY
Delay after DAC settled to within
2 VID steps of final value
-
5
-
µs
Current Inputs
IINx to IINx Impedance
IINRES
-
3000
-
Ω
IINx to IINx Leakage Current
IINLEAK
-1
0
1
µA
TRACK Inputs
Input Leakage
-1
0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com