Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 1 Page - International Rectifier

  IR3531 Datasheet HTML 1Page - International Rectifier IR3531 Datasheet HTML 2Page - International Rectifier IR3531 Datasheet HTML 3Page - International Rectifier IR3531 Datasheet HTML 4Page - International Rectifier IR3531 Datasheet HTML 5Page - International Rectifier IR3531 Datasheet HTML 6Page - International Rectifier IR3531 Datasheet HTML 7Page - International Rectifier IR3531 Datasheet HTML 8Page - International Rectifier IR3531 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
1
FEATURES
 Integrated 6.8V/0.8A Buck Regulator provides
bias to Control and Driver IC(s)
 Adjustable switching frequency from 250 KHz up
to 1.5MHz per phase based on the synchronization
SCLK input
 Sink and source tracking capability
 Margining via SVID for both rails
 Pre-bias compatible
 Soft Stop capability
 0.5% overall system set point accuracy
 Voltage Mode Modulation for excellent transient
performance
 Single NTC thermistor for current reporting, OC
Threshold, and Load Line thermal compensation
 Complete protection including over-current,
over-voltage, over-temperature, open remote
sense and open control loop
 Thermally enhanced 48L 7mm x 7mm MLPQ
package
 RoHS compliant
BASIC APPLICATION CIRCUIT
Figure 1: IR3531 Basic Application Circuit,
showing a 4+1 Configuration
DESCRIPTION
The IR3531 control IC provides all the necessary control,
communication and protection to support compact dual
output power solutions up to 210W. The IR3531 can be
combined with either discrete IR3535 driver ICs and Direct
Fets
TM or our IR35XX family of footprint compatible and
scalable PowIRstages
TM which integrate the MOSFETs and
driver into the same package.
The IR3531 provides overall system control and current
sharing while the Driver IC or power stages senses per-
phase current locally and communicates it to the Control
IC. The IR3531 has tri-state PWM outputs to allow diode
emulation during light load events.
The IR3531 provides a high performance transient solution
through classic voltage mode control and our non-linear
transient solutions, Turbo
TM and Body BrakingTM. TurboTM
automatically turns on all phases to minimize load turn-on
transients while Body Braking
TM automatically turns off the
low-side MOSFET to help dissipate stored inductor energy
at load turn-off.
PIN DIAGRAM
IR3531
48 Pin 7 x 7 MLPQ
Top View
49 GND
48
47
46
45
44
43
42
41
40
39
EN
VRHOT#
VRRDY1
VRRDY
VCC
SW
V12V
ALERT#
VCLK
VDIO
PHSSHED
IMON_R1
1
2
3
4
5
6
7
8
9
10
11
12
BBR1#
PWM4
PWM3
TSENS
ROSC/OVP
ADDR
ICCP
SCLK
PWM2
PWM1
BBR#
TRACK
36
35
34
33
32
31
30
29
28
27
26
25
38
37
13
14
15
16
17
18
19
20
21
22
23
24
Figure 2: IR3531 Package Top View


Similar Part No. - IR3531

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3531A IRF-IR3531A Datasheet
1Mb / 39P
41 Phase Dual Output Control IC Pre-bias compatible
IR3531A IRF-IR3531A Datasheet
1Mb / 39P
Sink and source tracking capability
IR3531A-MPBF IRF-IR3531A-MPBF Datasheet
1Mb / 39P
41 Phase Dual Output Control IC Pre-bias compatible
IR3531A-MTRPBF IRF-IR3531A-MTRPBF Datasheet
1Mb / 39P
41 Phase Dual Output Control IC Pre-bias compatible
IR3531A IRF-IR3531A_15 Datasheet
1Mb / 39P
Sink and source tracking capability
More results

Similar Description - IR3531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR434TRZ-EP AD-ADR434TRZ-EP Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References ith Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
logo
International Rectifier
IR3531A IRF-IR3531A_15 Datasheet
1Mb / 39P
Sink and source tracking capability
logo
Richtek Technology Corp...
RT2568GQW RICHTEK-RT2568GQW Datasheet
828Kb / 8P
The RT2568 is a sink/source tracking termination regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
The RT9088 is a sink/source tracking termination regulator
RT9089AGQW RICHTEK-RT9089AGQW Datasheet
851Kb / 8P
The RT9089A is a sink/source tracking termination regulator
logo
Texas Instruments
REG1118 TI1-REG1118 Datasheet
280Kb / 9P
800mA Low Dropout Positive Regulator with Current Source and Sink Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com