Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3531 Datasheet HTML 13Page - International Rectifier IR3531 Datasheet HTML 14Page - International Rectifier IR3531 Datasheet HTML 15Page - International Rectifier IR3531 Datasheet HTML 16Page - International Rectifier IR3531 Datasheet HTML 17Page - International Rectifier IR3531 Datasheet HTML 18Page - International Rectifier IR3531 Datasheet HTML 19Page - International Rectifier IR3531 Datasheet HTML 20Page - International Rectifier IR3531 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
17
Figure 7: TRACK Operation without Pre-Bias
The TRACK inputs have a typical 36mV offset from the
closed loop feedback operating point to ensure the error
amplifier is in an off state when TRACK=0V. Furthermore,
TRACK must exceed the respective VDAC by at least 100mV
to ensure VDAC has complete control of the Error Amplifier
as shown in Figures 6 and 7.
As a cautionary note the track input provides direct control
of the output PWM duty cycle. The presence of excessive
noise or glitches on TRACK when this input is active can
cause sudden increases in the PWM duty cycle (up to
100%), potentially causing damage to the power converter.
PWM CONTROL METHOD
The steady state control architecture utilized in the IR3531
is feed-forward voltage mode control with trailing edge
modulation. A high-gain wide-bandwidth voltage type
error amplifier is used to achieve accurate voltage
regulation and ultra-fast transient response. Feed-forward
control is established by varying the PWM ramp slope
proportionally to the input voltage resulting in the error
amplifier operating point being independent of the input
voltage. The input voltage can change due to variations in
the silver box output voltage or due to the wire and
PCB-trace voltage drop related to changes in load current.
All PWM ramp slopes are calibrated at initial power-up.
The PWM pulse is terminated once the PWM ramp
exceeds the Error Amplifier output voltage.
Under dynamic load transitions, the IR3531 utilizes our
patented Body Braking
TM algorithm allows all low-side
MOSFETs to be turned off during a load relaxation event
allowing the MOSFET body diodes to conduct and dissipate
some of the stored inductor energy and also speed up the
inductor current slew rate by introducing a larger voltage
across the inductor. Body Braking
TM reduces the peak
overshoot of the converter.
An error amplifier output voltage greater than the
common mode input range of the PWM comparator
results in 100% duty cycle regardless of the voltage of the
PWM ramp. The resulting PWM control loop is capable of
transitioning from 0% duty cycle to 100% duty cycle with
overlapping phases within a few tens of nanoseconds in
response to a load step decrease. Figure 8 on the next
page depicts PWM operating waveforms under various
conditions.
BODY BRAKING
TM
In a conventional synchronous buck converter, the
minimum time required to reduce the current in the
inductor in response to a load-step decrease is:
O
MIN
MAX
SLEW
V
I
I
L
T
)
(
*
The slew rate of the inductor current can be significantly
increased by turning off the synchronous rectifier in
response to a load-step decrease. The switch node voltage
is then forced to decrease until conduction of the
synchronous rectifier’s body diode occurs. This increases
the voltage across the inductor from Vout to Vout +
VBODYDIODE. The minimum time required to reduce the
current in the inductor in response to a load transient
decrease is now:
BODYDIODE
O
MIN
MAX
SLEW
V
V
I
I
L
T
)
(
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com