Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3531 Datasheet HTML 8Page - International Rectifier IR3531 Datasheet HTML 9Page - International Rectifier IR3531 Datasheet HTML 10Page - International Rectifier IR3531 Datasheet HTML 11Page - International Rectifier IR3531 Datasheet HTML 12Page - International Rectifier IR3531 Datasheet HTML 13Page - International Rectifier IR3531 Datasheet HTML 14Page - International Rectifier IR3531 Datasheet HTML 15Page - International Rectifier IR3531 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
12
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Turbo Circuit
Activation Threshold Voltage
TURBACT
Note 1
Compare to EA, Note 1
-
390
-
mV
Turbo Comparator Hysteresis
TURBHYST
Note 1
Note 1
-
90
-
mV
Filter Time Constant
TURBTIME
Note 1
Note 1
-
8
-
µs
Turbo Pulse Width
TURBPW
500kHz 600mV Peak sine wave
on EAIN, measure GATEH pulse
width
115
230
280
ns
Peak Detect Reset
Time Constant
TURBRESET
-
400
-
ns
Over-Current Comparator
Input Filter Time Constant
-
2
-
µs
Over-Current Threshold
OCTHRSH
VDRP-VDAC, VDRP1-VDAC1
0.94
1.08
1.18
V
OC Threshold PSI Reduction
Factor
OCPSI
PSI mode, 4ph to 2ph, 2ph to 1ph
450
540
610
mV
PSI mode, 3ph to 1ph
310
360
410
3ph to 2ph
640
720
800
PSI mode, 4ph to 1ph
220
270
310
4ph to 3ph
690
800
900
OC Delay Time
OCDELAY
Delay to OC shutdown
225
256
285
µs
OC Hiccup Time
Relaxation Delay
-
4096
-
µs
VCC Undervoltage
VCC UVL Start
VCCSTART
5.5
5.85
6.4
V
VCC UVL Stop
VCCSTOP
4.85
5.2
5.65
V
VCC UVL Hysteresis
VCCHYST
515
650
830
mV
VRRDY Output
Output Voltage
VRRDYLO
I(VRRDY, VDRRY1) = 4mA
-
150
300
mV
Leakage Current
VRRDYLEAK
V(VRRDY, VDRRY1) = 5.5V
-
0
10
µA
VCC Activation Voltage
VRRDYVCC
I(VDRRY, VDRRY1) = 4mA,
<300mV
1
2
3.6
V
VO-VDAC Undervoltage
Threshold
VOUVRISE
Reference to VDAC
-340
-290
-230
mV
Open Sense Line Detection
Sense Line Detection Active
Comparator Threshold Voltage
OPENACT
100
150
200
mV
Sense Line Detection Active
Comparator Offset Voltage
OPENOFF
V(VO) < [V(VOSEN+) –
V(LGND)] / 2
25
60
80
mV
VOSEN+ Open Sense Line
Comparator Threshold
OPENCOMP+
Compare to V(VCC)
82
90
92
%
VOSEN- Open Sense Line
Comparator Threshold
OPENCOMP-
0.36
0.40
0.44
V
Sense Line Detection
Source Currents
OPENSRC
V(VO) = 100mV
200
500
700
µA
VCC Buck Regulator
VCC Output Voltage
VCC100
100–400 mA load current
6.5
6.8
7.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com