Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3531 Datasheet HTML 3Page - International Rectifier IR3531 Datasheet HTML 4Page - International Rectifier IR3531 Datasheet HTML 5Page - International Rectifier IR3531 Datasheet HTML 6Page - International Rectifier IR3531 Datasheet HTML 7Page - International Rectifier IR3531 Datasheet HTML 8Page - International Rectifier IR3531 Datasheet HTML 9Page - International Rectifier IR3531 Datasheet HTML 10Page - International Rectifier IR3531 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
7
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range
-65°C To 150°C
Operating Junction Temperature
0°C To 150°C
ESD Rating
HBM Class 1C JEDEC Standard
MSL Rating
2
Reflow Temperature
260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications are not implied.
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
EN
3.5V
-0.3V
25mA
1mA
2
VRHOT#
VCC
-0.3V
1mA
50mA
3
VDRRY1
VCC
-0.3V
1mA
20mA
4
VDRRY
VCC
-0.3V
1mA
20mA
5
VCC
8V
-0.3V
1mA
20mA
6
SW
16V
-1.0V
3A
1mA
7
V12V
16V
-0.5V
1mA
1.5A
8
ALERT#
3.5V
-0.3V
1mA
50mA
9
VCLK
3.5V
-0.3V
1mA
1mA
10
VDIO
3.5V
-0.3V
1mA
50mA
11
PHSSHED
VCC
-0.3V
1mA
1mA
12
IMON_R1
3.5V
-0.3V
25mA
1mA
13
IMON
3.5V
-0.3V
25mA
1mA
14
VDAC
3.5V
-0.3V
5mA
35mA
15
VN
VCC
-0.3V
1mA
1mA
16
VDRP
VCC
-0.3V
35mA
1mA
17
EA
VCC
-0.3V
35mA
5mA
18
PSC
VCC
-0.3V
1mA
1mA
19
FB
VCC
-0.3V
1mA
1mA
20
VO
VCC
-0.3V
35mA
5mA
21
VOSEN+
VCC
-0.5V
5mA
1mA
22
VOSEN-
1.0V
-0.5V
5mA
1mA
23
IIN1
VCC
-0.3V
1mA
1mA
24
IIN2
VCC
-0.3V
1mA
1mA
25
TRACK
VCC
-0.3V
1mA
1mA
26
BBR#
VCC
-0.3V
1mA
5mA
27
PWM1
VCC
-0.3V
1mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com