Electronic Components Datasheet Search
  English  ▼

X  

IR3531 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3531
Description  Sink and source tracking capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531 Datasheet(HTML) 5 Page - International Rectifier

  IR3531 Datasheet HTML 1Page - International Rectifier IR3531 Datasheet HTML 2Page - International Rectifier IR3531 Datasheet HTML 3Page - International Rectifier IR3531 Datasheet HTML 4Page - International Rectifier IR3531 Datasheet HTML 5Page - International Rectifier IR3531 Datasheet HTML 6Page - International Rectifier IR3531 Datasheet HTML 7Page - International Rectifier IR3531 Datasheet HTML 8Page - International Rectifier IR3531 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531
March 22, 2012 | FINAL | V2.27
5
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
EN
Enable input. Grounding this pin shuts down the voltage regulators. Do not float this pin as the
logic state will be undefined.
2
VRHOT#
Open collector output of the VRHOT# comparator which drives low if Rail0 temperature exceeds
the programmed threshold. Connect external pull-up to bias.
3
VDRRY1
Open collector output that drives low during startup and under any external fault condition for
Rail1 regulator. Connect external pull-up to bias.
4
VDRRY
Open collector output that drives low during startup and under any external fault condition for
Rail0 regulator. Connect external pull-up to bias.
5
VCC
Bias buck regulator output, feedback pin, and bias input for internal circuitry.
6
SW
Switching node for bias buck regulator.
7
V12V
Power Supply input supply rail.
8
ALERT#
Output pin for SVID Alert# interrupt. Open collector output that drives low to notify the master.
9
VCLK
SVID Clock Input. Clock is a high impedance input pin. It is driven by the open collector output of a
microprocessor and requires a pull-up resistor.
10
VDIO
SVID Data Input/Output. High impedance input when address, command or data bits are shifted in,
open drain output when acknowledging or sending data back to the microprocessor. Pin requires a
pull up resistor.
11
PHSSHED
Analog signal that represents the number of phases to be disabled. 0% to 25% VCC, no phases
disabled. 25% to 50% VCC, disable 1 phase. 50% to 75% VCC, disable 2 phases. 75% to 100% VCC,
disable 3 phases (if available).
12
IMON_R1
Voltage at this pin is proportional to Rail1 load current. It is also the input to the ADC for output
current register.
13
IMON
Voltage at this pin is proportional to Rail0 load current. It is also the input to the ADC for output
current register.
14
VDAC
Voltage Regulator Rail 0 reference voltage programmed by SVID. VDAC is also used as the A/D
reference during power up for pins ADDR/PSN, TSENS and ICCP.
15
VN
Node for DCR thermal compensation network.
16
VDRP
Buffered, scaled and thermally compensated current signal for Rail0. Connect an external resistor
to FB to program converter output impedance.
17
EA
Output of the error amplifier for Rail0.
18
PSC
Node for Power Savings mode compensation input.
19
FB
Inverting input to the Error Amplifier for Rail0.
20
VO
Remote sense amplifier output for Rail0.
21
VOSEN+
Rail0 remote sense amplifier input. Connect to output at the load.
22
VOSEN-
Rail0 remote sense amplifier input. Connect to ground at the load.
23, 24, 37, 38
IIN1-4
Current signals from the driver IC-s of Rail0.
25
TRACK
External tracking reference for Rail0.
26
BBR#
Body-braking
TM bus for Rail0 driver ICs to disable synchronous switches.
27, 28,
34, 35
PWM1-4
PWM outputs for Rail0. Each output is connected to the input of the driver IC. Connecting the
PWMx output to LGND disables the phase, allowing the IR3531 to operate as a 1, 2, 3, or 4 phase
controller.
29
SCLK
Synchronization clock input. Program ROSC using ROSC vs. Frequency to match the SCLK frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com