Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
8
_______________________________________________________________________________________
(a) MAX3264/MAX3265/MAX3765 WITH 50
Ω TERMINATION
VCC
100
Ω
100
Ω
100
Ω
RTERM
100
Ω
2 x RLOAD
100
Ω
COUT
COUT
COUT
COUT
VCC
(b) MAX3264/MAX3265/MAX3765 WITH 75
Ω TERMINATION
VCC
100
Ω
100
Ω
300
Ω
RTERM
300
Ω
2 x RLOAD
150
Ω
VCC
(c) MAX3268/MAX3269/MAX3768 OUTPUT TERMINATION
VCC
VCC - 2V
OUT-
OUT+
50
Ω
RTERM
50
Ω
MAX3264
MAX3265
MAX3765
MAX3264
MAX3265
MAX3765
MAX3268
MAX3269
MAX3768
Figure 1. Data Output Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com