Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
14
______________________________________________________________________________________
Typical Operating Circuits (continued)
50
Ω
50
Ω
RTH
VCC
VCC
CIN
0.01
µF
CIN
0.01
µF
TH
100
Ω
IN-
IN+
OUT+
OUT-
MAX3266
MAX3267
MAX3268CUB
MAX3269CUB
MAX3768CUB
LOS
SIGNAL DETECT
VCC - 2V
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CAZ1
N.C.
SQUELCH
VCC
OUT+
OUT-
VCC
LOS
LOS
TOP VIEW
MAX3264
MAX3265
TSSOP
CAZ2
GND
GND
IN+
IN-
LEVEL
TH
1
2
3
4
5
10
9
8
7
6
VCC
OUT+
OUT-
VCC
GND
IN-
IN+
GND
MAX3265
MAX3268
MAX3269
MAX3765
MAX3768
µMAX
LOS
TH
NOTE: EXPOSED PADDLE IS GROUND.
Pin Configurations
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3268CUB
0
°C to +70°C
10 µMAX-EP*
MAX3268CUB+
0
°C to +70°C
10 µMAX-EP*
MAX3268C/D
0
°C to +70°C
Dice**
MAX3269CUB
0
°C to +70°C
10 µMAX-EP*
MAX3269CUB+
0
°C to +70°C
10 µMAX-EP*
MAX3269C/D
0
°C to +70°C
Dice**
MAX3765CUB
0
°C to +70°C
10 µMAX-EP*
MAX3765CUB+
0
°C to +70°C
10 µMAX-EP*
MAX3768CUB
0
°C to +70°C
10 µMAX-EP*
MAX3768CUB+
0
°C to +70°C
10 µMAX-EP*
+Denotes lead-free package.
*EP = Exposed paddle.
**Dice are designed to operate from 0°C to +70°C, but are tested
and guaranteed only at TA = +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com