Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
_______________________________________________________________________________________
7
Pin Description
EP
EP
Ground. The exposed paddle must be soldered to the circuit–board ground for
proper thermal performance.
Exposed
Paddle
—
7
Output Current Level. When this pin is not connected, the CML output current is
approximately 16mA. When this pin is connected to ground, the output current
increases to approximately 20mA. (In the MAX3265CUB/MAX3765CUB, LEVEL is
internally connected to ground.)
—
15
Squelch Input. The squelch function is disabled when SQUELCH is not connected
or is set to a TTL low level. When SQUELCH is set to a TTL high level and LOS is
asserted, the data outputs, OUT+, and OUT-, are forced to static levels. See sec-
tions PECL Output Buffer and CML Output Buffer for more information. (In the
MAX3265/MAX3268/MAX3269 10-pin µMAX, SQUELCH is not connected. In the
MAX3765/MAX3768, SQUELCH is internally connected to VCC.)
—
16
No Connection
N.C.
SQUELCH
—
10
Noninverted Loss-of-Signal Output. LOS is low when the level of the input signal
is above the preset threshold set by the TH input. LOS asserts high when the sig-
nal level drops below the threshold.
LOS
LEVEL
—
1
Offset-Correction-Loop Capacitor. A capacitor connected between this pin and
CAZ2 extends the time constant of the offset correction loop.
—
2
Offset-Correction-Loop Capacitor. A capacitor connected between this pin and
CAZ1 extends the time constant of the offset correction loop. Refer to Design
Procedure.
CAZ2
CAZ1
6
9
Inverted Loss-of-Signal Output. LOS is high when the level of the input signal is
above the preset threshold set by the TH input. LOS is asserted low when the
signal level drops below the threshold.
8
12
Inverted Data Output
9
13
Noninverted Data Output
OUT+
OUT-
7, 10
11, 14
Supply Voltage
VCC
LOS
3
5
Inverted Input Signal
5
8
Loss-of-Signal Threshold. A resistor connected from this pin to ground sets the
input signal level at which the loss-of-signal (LOS) output(s) is asserted. Refer to
Typical Operating Characteristics and Design Procedure.
TH
IN-
2
4
Noninverted Input Signal
IN+
TSSOP
FUNCTION
µMAX
NAME
GND
1, 4
3, 6
Supply Ground
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com