Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
10
______________________________________________________________________________________
_______________Detailed Description
Figure 3 is a functional diagram of the MAX3264/
MAX3265/MAX3268/MAX3269/MAX3765/MAX3768 lim-
iting amplifiers. A linear input buffer drives a multistage
limiting amplifier and an RMS power-detection circuit.
Offset correction with lowpass filtering ensures low
deterministic jitter. The output buffer produces a limited
output signal. The MAX3264/MAX3265/MAX3765 pro-
duce a CML output, while the MAX3268/MAX3269/
MAX3768 produce a PECL-compatible output signal.
Schematics of these input/output circuits are shown in
Figures 4 through 7.
RMS Power Detect with
Loss-of-Signal Indicator
An RMS power detector looks at the signal from the
input buffer and compares it to a threshold set by the
TH resistor (see Typical Operating Characteristics for
appropriate resistor values). The signal-detect informa-
tion is provided to the LOS outputs, which are internally
terminated with 8k
Ω (MAX3265/MAX3269/MAX3765) or
16k
Ω (MAX3264/MAX3268/MAX3768) pullup resistors.
The LOS outputs meet TTL voltage specifications when
loaded with a resistor
≥ 4.7kΩ.
CONTROL
GAIN
VCC
TH
VCC
RLOS = 8k
Ω (MAX3265/MAX3269/MAX3765)
RLOS = 16k
Ω (MAX3264/MAX3268/MAX3768)
LOS
RLOS
RLOS
LOS
OUT+
OUT-
SQUELCH
LEVEL
INPUT
BUFFER
CAZ1
CAZ2
OFFSET
CORRECTION
100
Ω
IN+
IN-
MAX3264
MAX3265
MAX3268
MAX3269
MAX3765
MAX3768
LOW-
PASS
100pF
TOTAL GAIN = 55dB (MAX3264/MAX3268/MAX3768)
TOTAL GAIN = 49dB (MAX3265/MAX3269/MAX3765)
POWER DETECT
WITH
COMPARATOR
OUTPUT
BUFFER
TTL
TTL
Figure 3. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com