Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
______________________________________________________________________________________
11
Input Buffer
The input buffer is designed to accept input signals
from the MAX3266/MAX3267 transimpedance ampli-
fiers. The input buffer provides a 100
Ω input imped-
ance between IN+ and IN-. Input VSWR is typically less
than 2.0 for frequencies less than 2GHz. DC-coupling
the inputs is not recommended; this prevents the DC
offset-correction circuitry from functioning properly.
Gain Stage and Offset Correction
The limiting amplifier provides approximately 55dB
(MAX3264/MAX3268/MAX3768) or 49dB (MAX3265/
MAX3269/MAX3765) of gain. This large gain makes the
amplifier susceptible to small DC offsets in the input sig-
nal. DC offsets as low as 1mV reduce the accuracy of
the power-detection circuit and may cause deterministic
jitter. A low-frequency feedback loop is integrated into
the limiting amplifier to reduce input offset, typically to
less than 100µV.
An external capacitor connected between CAZ1 and
CAZ2, in parallel with internal capacitance, determines
the time constant of the offset-correction circuit. The off-
set-correction circuit requires an average data-input
mark density of 50% to prevent an increase in duty-
cycle distortion and to ensure low deterministic jitter.
CML Output Buffer
The MAX3264/MAX3265/MAX3765 CML output circuits
(Figure 7) provide high tolerance to impedance mis-
matches and inductive connectors. The output current
can be set to two levels. When the LEVEL pin is left
unconnected, output current is approximately 16mA.
Connecting LEVEL to ground sets the output current to
approximately 20mA.
The squelch function is enabled when the SQUELCH pin
is set to a TTL-high level or connected to VCC. The
squelch function holds OUT+ and OUT- at a static volt-
age whenever the input signal power drops below the
loss-of-signal threshold. In the 10-pin µMAX package of
the MAX3265/MAX3268/MAX3269, the SQUELCH func-
tion is left internally unconnected. In the MAX3765/
MAX3768, the SQUELCH function is always enabled by
internally connecting it to VCC. SQUELCH operation for
the MAX3264/MAX3265 is described in Table 1.
Internal Input/Output Schematics
IN+
IN-
110
Ω
GND
ESD
STRUCTURES
VCC
500
Ω
500
Ω
0.25pF
0.25pF
Figure 4. Input Circuit
GND
RT = 8k
Ω (MAX3265/MAX3269/MAX3765)
RT = 16k
Ω (MAX3264/MAX3268/MAX3768)
ESD
STRUCTURE
VCC
LOS
RT
Figure 5. LOS Output Circuit
Table 1.
LEVEL PIN
VOLTAGE WHEN SQUELCHED
OUT-
OUT+
Open
VCC - 100mV
VCC
GND
VCC - 100mV
VCC - 100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com