Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
12
______________________________________________________________________________________
The buffer’s output impedance is determined by the par-
allel combination of internal and external pullup resistors,
which are chosen to match the impedance of the trans-
mission line (Figure 1). The output buffer can be AC- or
DC-coupled to the load.
PECL Output Buffer
The MAX3268/MAX3269/MAX3768 offer an industry-
standard PECL output. The PECL outputs should be
terminated to VCC - 2V. Figure 6 shows the PECL out-
put circuit. The squelch function forces OUT+ to a high
level and OUT- to a low level when the input is below
the programmed LOS threshold. In the 10-pin µMAX,
SQUELCH is left unconnected.
__________________Design Procedure
Program the LOS Assert Threshold
The loss-of-signal threshold is programmed by external
resistor RTH. See the LOS Threshold vs. RTH graph in
the Typical Operating Characteristics.
Select the Coupling Capacitors
The coupling capacitors (CIN, COUT) should be select-
ed to minimize the receiver’s deterministic jitter. Jitter is
minimized when the input low-frequency cutoff (fIN) is
placed at a low frequency:
fIN = 1 / [2
π(50)(C)]
For Fibre Channel, Gigabit Ethernet, or other applica-
tions using 8B/10B data coding, select (CIN, COUT)
≥
0.01µF, which provides fIN < 320kHz. For ATM/SONET
or other applications using scrambled NRZ data, select
(CIN,COUT)
≥ 0.1µF, which provides fIN < 32kHz.
Select the Offset-Correction Capacitor
(MAX3264/MAX3265 TSSOP Only)
To maintain stability, it is important to keep a one-
decade separation between fIN and the low-frequency
cutoff (fOC) associated with the DC-offset-correction cir-
cuit.
fOC = 75 / [2
π 60k (CAZ + 100pF)]
= 200 x 10 -6 / (CAZ + 100pF)
For Fibre Channel, Gigabit Ethernet, or other applica-
tions using 8B/10B data coding, leave pins CAZ1, and
CAZ2 open (fOC = 2MHz). For ATM/SONET or other
applications using scrambled NRZ data, select CAZ
≥
0.1µF, which typically provides fOC = 2kHz.
GND
ESD
STRUCTURES
VCC
OUT-
OUT+
Figure 6. PECL Output Circuit
GND
LEVEL
ESD
STRUCTURES
VCC
100
Ω
100
Ω
OUT-
OUT+
Figure 7. CML Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com