Electronic Components Datasheet Search
  English  ▼

X  

MAX3268C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3268C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3268C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3268C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3268C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VCC
VCC
CAZ
CAZ1
CAZ2
VCC
VCC
CIN
0.01
µF
0.01
µF
0.01
µF
CIN
0.01
µF
TH
SQUELCH
N.C.
100
Ω
IN-
IN+
OUT+
RTERM
RTERM
RL
100
Ω
OUT-
MAX3266
MAX3267
MAX3264CUE
MAX3265CUE
MAX3265EUE
LOS
LOSS
OF
SIGNAL
LOS
N.C.
RTH
LEVEL
N.C.
General Description
The 1.25Gbps MAX3264/MAX3268/MAX3768 and the
2.5Gbps MAX3265/MAX3269/MAX3765 limiting ampli-
fiers are designed for Gigabit Ethernet and Fibre
Channel optical receiver systems. The amplifiers accept
a wide range of input voltages and provide constant-
level output voltages with controlled edge speeds.
Additional features include RMS power detectors with
programmable loss-of-signal (LOS) indication, an
optional squelch function that mutes the data output sig-
nal when the input voltage falls below a programmable
threshold, and excellent jitter performance.
The MAX3264/MAX3265/MAX3765 feature current-mode
logic (CML) data outputs that are tolerant of inductive
connectors and a 16-pin TSSOP package, making these
circuits ideal for GBIC receivers. The MAX3268/
MAX3269/MAX3768 feature standards-compliant posi-
tive-referenced emitter-coupled logic (PECL) data out-
puts and are available in a tiny 10-pin µMAX package
that is ideal for small-form-factor (SFF) receivers.
Applications
Gigabit Ethernet Optical Receivers
Fibre Channel Optical Receivers
System Interconnect
ATM Optical Receivers
Features
♦ +3.0V to +5.5V Supply Voltage
♦ Low Deterministic Jitter
14ps (MAX3264)
11ps (MAX3265/MAX3765)
♦ 150ps (max) Edge Speed (MAX3265/MAX3765)
300ps (max) Edge Speed (MAX3264)
♦ Programmable Signal-Detect Function
♦ Choice of CML or PECL Output Interface
♦ 10-Pin µMAX or 16-Pin TSSOP Package
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
________________________________________________________________ Maxim Integrated Products
1
19-1523; Rev 6, 5/04
+Denotes lead-free package.
*EP = Exposed paddle.
**Dice are designed to operate from 0°C to +70°C, but are tested
and guaranteed only at TA = +25°C.
Ordering Information
Selector Guide appears at end of data sheet.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits
Typical Operating Circuits continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX3264CUE
0
°C to +70°C
16 TSSOP-EP*
MAX3264CUE+
0
°C to +70°C
16 TSSOP-EP*
MAX3264C/D
0
°C to +70°C
Dice**
MAX3265CUE
0
°C to +70°C
16 TSSOP-EP*
MAX3265CUE+
0
°C to +70°C
16 TSSOP-EP*
MAX3265CUB
0
°C to +70°C
10 µMAX-EP*
MAX3265CUB+
0
°C to +70°C
10 µMAX-EP*
MAX3265EUE
-40
°C to +85°C
16 TSSOP-EP*
MAX3265EUE+
-40
°C to +85°C
16 TSSOP-EP*
MAX3265C/D
0
°C to +70°C
Dice**
Ordering Information continued at end of data sheet.


Similar Part No. - MAX3268C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32680 MAXIM-MAX32680 Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
MAX32680EVKIT MAXIM-MAX32680EVKIT Datasheet
1Mb / 14P
Evaluates: MAX32680
2021
MAX32680GLR+ MAXIM-MAX32680GLR+ Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
MAX32680GLR+T MAXIM-MAX32680GLR+T Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
More results

Similar Description - MAX3268C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com