Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3735E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Operating Characteristics (continued)
(VCC = +3.3V, CAPC = 0.01µF, IBIAS = 20mA, and IMOD = 30mA, TA = +25°C, unless otherwise noted.)
2.7Gbps, Low-Power SFP Laser Drivers
8
_______________________________________________________________________________________
TRANSMITTER DISABLE
MAX3735 toc16
40ns/div
FAULT
VCC
LASER
OUTPUT
TX_DISABLE
t_off = 134ns
LOW
LOW
3.3V
HIGH
RESPONSE TO FAULT
MAX3735 toc17
1
µs/div
FAULT
VPC_MON
LASER
OUTPUT
TX_DISABLE
t_fault = 0.9
µs
LOW
LOW
EXTERNALLY
FORCED FAULT
HIGH
FAULT RECOVERY TIME
MAX3735 toc18
100ms/div
FAULT
VPC_MON
LASER
OUTPUT
TX_DISABLE
t_init = 60ms
HIGH
LOW
EXTERNAL
FAULT REMOVED
HIGH
LOW
LOW
FREQUENT ASSERTION OF TX_DISABLE
MAX3735 toc19
4
µs/div
FAULT
VPC_MON
LASER
OUTPUT
TX_DISABLE
EXTERNALLY
FORCED FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com