Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3735E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX3735/MAX3735A are +3.3V laser drivers for
SFP/SFF applications from 155Mbps up to 2.7Gbps.
The devices accept differential input data and provide
bias and modulation currents for driving a laser. DC-
coupling to the laser allows for multirate applications
and reduces the number of external components. The
MAX3735/MAX3735A are fully compliant with the SFP
MSA timing and the SFF-8472 transmit diagnostic
requirements.
An automatic power-control (APC) feedback loop is incor-
porated to maintain a constant average optical power
over temperature and lifetime. The wide modulation cur-
rent range of 10mA to 60mA (up to 85mA AC-coupled)
and bias current of 1mA to 100mA make this product
ideal for driving FP/DFB laser diodes in fiber-optic mod-
ules. The resistor range for the laser current settings is
optimized to interface with the DS1858 SFP controller IC.
The MAX3735/MAX3735A provide transmit-disable con-
trol, a single-point latched transmit-failure monitor out-
put, photocurrent monitoring, and bias-current
monitoring to indicate when the APC loop is unable to
maintain the average optical power. The MAX3735A
also features improved multirate operation.
The MAX3735/MAX3735A come in package and die
form, and operate over the extended temperature
range of -40°C to +85°C.
Applications
Gigabit Ethernet SFP/SFF Transceiver Modules
1G/2G Fibre Channel SFP/SFF Transceiver
Modules
Multirate OC3 to OC48-FEC SFP/SFF Transceiver
Modules
Features
o SFP Reference Design Available
o Fully Compliant with SFP and SFF-8472 MSAs
o Programmable Modulation Current from 10mA to
60mA (DC-Coupled)
o Programmable Modulation Current from 10mA to
85mA (AC-Coupled)
o Programmable Bias Current from 1mA to 100mA
o Edge Transition Times <51ps
o 27mA (typ) Power-Supply Current
o Multirate 155Mbps to 2.7Gbps Operation
o Automatic Average Power Control
o On-Chip Pullup Resistor for TX_DISABLE
o 24-Pin 4mm × 4mm QFN package
2.7Gbps, Low-Power SFP Laser Drivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
IN+
0.1
µF
MD
BIAS
OUT+
OUT+
OUT-
OPTIONAL SHUTDOWN
CIRCUITRY
IN-
REPRESENTS A CONTROLLED-IMPEDANCE TRANSMISSION LINE
SERDES
MAX3735
MAX3735A
0.1
µF
+3.3V
+3.3V
CMD
FERRITE BEAD
+3.3V
10
Ω
RBC_MON
RPC_MON
15
Ω
0.01
µF
DS1858/DS1859
CONTROLLER
IC
CAPC
M0N2
M0N3
MON1
H1
H0
+3.3V
Typical Application Circuit
19-2529; Rev 1; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Dice are designed to operate from -40°C to +85°C, but are
tested and guaranteed only at TA = +25°C.
**EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX3735E/D
-40°C to +85°C
Dice*
MAX3735ETG
-40°C to +85°C
24 Thin QFN-EP**
MAX3735EGG
-40°C to +85°C
24 QFN-EP**
MAX3735AETG
-40°C to +85°C
24 Thin QFN-EP**
Pin Configuration appears at end of data sheet.
EVALUATION
KIT
AVAILABLE


Similar Part No. - MAX3735E/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3735AETG MAXIM-MAX3735AETG Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3735AETG+ MAXIM-MAX3735AETG+ Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
More results

Similar Description - MAX3735E/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3744 MAXIM-MAX3744 Datasheet
372Kb / 10P
2.7Gbps SFP Transimpedance Amplifiers with RSSI
Rev 1; 8/03
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3736 MAXIM-MAX3736 Datasheet
341Kb / 11P
3.2Gbps, Low-Power, Compact, SFP Laser Driver
Rev 0; 12/03
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3736 MAXIM-MAX3736_V01 Datasheet
315Kb / 11P
3.2Gbps, Low-Power, Compact, SFP Laser Driver
2010
MAX3863 MAXIM-MAX3863_V01 Datasheet
531Kb / 15P
2.7Gbps Laser Driver with Modulation Compensation
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com