Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 13Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 14Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 15Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 16Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Input Termination Requirements
The MAX3735/MAX3735A data inputs are SFP MSA
compliant. On-chip 100
Ω differential input impedance is
provided for optimal termination (Figure 6). Because of
the on-chip biasing network, the MAX3735/MAX3735A
inputs self-bias to the proper operating point to accom-
modate AC-coupling.
Optional Shutdown Output Circuitry
The SHUTDOWN control output features extended eye
safety when the laser cathode is grounded. An external
transistor is required to implement this circuit (Figure 4).
In the event of a fault, SHUTDOWN asserts high, plac-
ing the optional shutdown transistor in cutoff mode and
thereby shutting off the laser current.
Applications Information
An example of how to set up the MAX3735/MAX3735A
follows:
Select a communications-grade laser for 2.488Gbps.
Assume that the laser output average power is PAVG =
0dBm, the operating temperature is -40°C to +85°C,
minimum extinction ratio is 6.6 (8.2dB), and the laser
diode has the following characteristics:
Wavelength:
λ = 1.3µm
Threshold current: ITH = 22mA at +25°C
Threshold temperature coefficient:
βTH = 1.3% / °C
Laser-to-monitor transfer:
ρMON = 0.2A/W
Laser slope efficiency:
η = 0.05mW/mA at +25°C
Determine RAPCSET
The desired monitor diode current is estimated by IMD
= PAVG x
ρMON = 200µA. The Monitor Diode vs. RAPC-
SET graph in the Typical Operating Characteristics sec-
tion shows that RAPCSET should be 3k
Ω. The value can
also be estimated using the equation below:
IMD = 1.23 / (2
× RAPCSET)
Determine RMODSET
To achieve a minimum extinction ratio (re) of 6.6 over
temperature and lifetime, calculate the required extinc-
tion ratio at +25°C. Assuming the results of the calcula-
tion are re = 20 at +25°C, the peak-to-peak optical
power PP-P = 1.81mW, according to Table 3. The
required modulation current is 1.81mW / (0.05mW/mA)
= 36.2mA. The Modulation Current vs. RMODSET graph
in the Typical Operating Characteristics section shows
that RMODSET should be 9.5k
Ω. The value can also be
estimated using the equation below:
IMOD = 1.23 / (0.0037
× RMODSET)
Determine CAPC
In order to meet SFP timing requirements and minimize
pattern-dependent jitter, the CAPC capacitor value is
determined by the laser-to-monitor transfer and other
variables. The following equations and table can be
used to choose the CAPC values for the MAX3735 and
MAX3735A, respectively. The equations and table
assume a DC-coupled laser. Refer to Maxim
Application Note HFDN 23.0: Choosing the APC Loop
2.7Gbps, Low-Power SFP Laser Drivers
______________________________________________________________________________________
13
24k
Ω
16k
Ω
50
Ω
50
Ω
PACKAGE
0.97nH
0.97nH
0.11pF
0.11pF
VCC
VCC
MAX3735
MAX3735A
VCC
IN+
IN-
Figure 6. Simplified Input Structure
VCC
OUT-
OUT+
PACKAGE
0.99nH
MAX3735
MAX3735A
0.81nH
OUT+
0.99nH
0.11pF
K = 0.3
0.11pF
0.11pF
Figure 7. Simplified Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com