Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 10Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 11Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 12Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 13Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 14Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2.7Gbps, Low-Power SFP Laser Drivers
______________________________________________________________________________________
11
Design Procedure
When designing a laser transmitter, the optical output
usually is expressed in terms of average power and
extinction ratio. Table 3 shows relationships helpful in
converting between the optical average power and the
modulation current. These relationships are valid if the
mark density and duty cycle of the optical waveform
are 50%.
Programming the Modulation Current
For a given laser power (PAVG), slope efficiency (
η), and
extinction ratio (re), the modulation current can be calcu-
lated using Table 3. See the Modulation Current vs.
RMODSET graph in the Typical Operating Characteristics
section, and select the value of RMODSET that corre-
sponds to the required current at +25°C.
Programming the APC Loop
Program the average optical power by adjusting -RAPC-
SET. To select the resistance, determine the desired moni-
tor current to be maintained over temperature and
lifetime. See the Monitor Diode Current vs. RAPCSET
graph in the Typical Operating Characteristics section,
and select the value of RAPCSET that corresponds to the
required current.
Interfacing with Laser Diodes
To minimize optical output aberrations caused by sig-
nal reflections at the electrical interface to the laser
diode, a series-damping resistor (RD) is required
(Figure 4). Additionally, the MAX3735/MAX3735A out-
puts are optimized for a 15
Ω load. Therefore, the series
combination of RD and RL, where RL represents the
laser-diode resistance, should equal 15
Ω. Typical val-
ues for RD are 8
Ω to 13Ω. For best performance, place
a bypass capacitor (0.01µF typ) as close as possible to
the anode of the laser diode. An RC shunt network
between the laser cathode and ground minimizes opti-
cal output aberrations. Starting values for most coaxial
lasers are RCOMP = 50
Ω in series with CCOMP = 8pF.
Adjust these values experimentally until the optical out-
put waveform is optimized. Refer to Maxim Application
Note: HFAN 02.0: Interfacing Maxim’s Laser Drivers to
Laser Diodes for more information.
POR AND COUNTER
FOR t_init
COUNTER FOR
t_onfault
MODSET
SHORT-
CIRCUIT
DETECTOR
100ns DELAY
MAX3735
MAX3735A
VCC
VCC
VCC
VBG
COMP
VBG
COMP
76
IBIAS
1
IMD
RS
LATCH
RQ
S
PC_MON
BC_MON
IMOD
ENABLE
IBIAS
ENABLE
TX_FAULT
CMOS
TTL
OPEN COLLECTOR
SHUTDOWN
RPC_MON
RBC_MON
TX_DISABLE
Figure 5. Safety Circuitry
Table 1. Typical Fault Conditions
1.
If any of the I/O pins is shorted to GND or VCC (single-
point failure, see Table 2), and the bias current or the
photocurrent exceed the programmed threshold.
2.
End-of-life (EOL) condition of the laser diode. The bias
current and/or the photocurrent exceed the
programmed threshold.
3.
Laser cathode is grounded and the photocurrent
exceeds the programmed thresholds.
4.
No feedback for the APC loop (broken interconnection,
defective monitor photodiode), and the bias current
exceeds the programmed threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com