Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3735E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2.7Gbps, Low-Power SFP Laser Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C. Typical values at VCC = +3.3V, IBIAS = 20mA, IMOD = 30mA, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AUTOMATIC POWER-CONTROL LOOP
MD Reverse Bias Voltage
18µA
≤ IMD ≤ 1500µA
1.6
V
MD Average Current Range
IMD
Average current into MD pin
18
1500
µA
IBIAS = 1mA
(MAX3735)
-880
+880
IBIAS = 1mA
(MAX3735A)
-110
+110
Average Power-Setting Stability
APC closed loop
(Notes 4, 7)
IBIAS = 100mA
-650
+650
ppm/°C
Average Power Setting Accuracy
APC Closed Loop
1mA
≤ IBIAS ≤ 100mA (Note 8)
-16
+16
%
MAX3735
0.8
1
1.23
External resistor to GND
defines the voltage gain;
IMD = 18µA, RPC_MON =
50k
Ω
MAX3735A
0.9
1.1
MD-Current Monitor Gain
IPC_MON
IMD = 1.5mA, RPC_MON = 600
Ω
0.95
1
1.05
A/A
MAX3735
-10
+10
MD-Current Monitor Gain Stability
18µA
≤ IMD ≤ 1500µA
(Notes 4, 6)
MAX3735A
-4
+4
%
LASER MODULATOR
Current into OUT+ pin; RL
≤ 15Ω, VOUT+,
VOUT-
≥ 0.6V (DC-coupled)
10
60
Modulation On-Current Range
IMOD
Current into OUT+ pin; RL
≤ 15Ω_, VOUT+,
VOUT-
≥ 2.0V (AC-coupled)
10
85
mA
Modulation Off-Current
IMODOFF
Current into OUT+ pin during TX_FAULT or
TX_DISABLE
100
µA
IMOD = 10mA
-480
+480
Modulation-Current Stability
(Note 4)
IMOD = 60mA
-255
+255
ppm/°C
Modulation-Current Absolute
Accuracy
10mA
≤ IMOD ≤ 60mA (Note 8)
-15
+15
%
Modulation-Current Rise Time
tR
20% to 80%, 10mA
≤ IMOD ≤ 60mA (Note 4)
42
65
ps
Modulation-Current Fall Time
tF
20% to 80%, 10mA
≤ IMOD ≤ 60mA (Note 4)
50
80
ps
10mA
≤ IMOD ≤ 60mA at 2.67Gbps
(Notes 4, 9, 10)
18
38
At 1.25Gbps (K28.5 pattern)
11.5
At 622Mbps (Note 9)
18
Deterministic Jitter
At 155Mbps (Note 9)
40
ps
Random Jitter
RJ
10mA
≤ IMOD ≤ 60mA (Note 4)
0.7
1.0
psRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com