Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3735E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.7Gbps, Low-Power SFP Laser Drivers
_______________________________________________________________________________________
5
VOUT+
(VIN+) - (VIN-)
VOUT-
(200mVP-P min,
2400mVP-P max)
(100mV min,
1200mV max)
IMOD
VOLTAGE
CURRENT
TIME
IOUT+
Figure 2. Output Termination for Characterization
50
Ω
75
Ω
30
Ω
30
Ω
0.5pF
30
Ω
OSCILLOSCOPE
OUT+
IOUT+
OUT-
OUT+
MAX3735
MAX3735A
VCC
VCC
Figure 1. Required Input Signal and Output Polarity
SOURCE
NOISE
TO LASER
DRIVER VCC
OPTIONAL
OPTIONAL
MODULE
HOST BOARD
C1
0.1
µF
C2
10
µF
C3
0.1
µF
L1
1
µH
VOLTAGE
SUPPLY
FILTER DEFINED BY SFP MSA
Figure 3. Supply Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com