Electronic Components Datasheet Search
  English  ▼

X  

MAX3735E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3735E/D
Description  2.7Gbps, Low-Power SFP Laser Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3735E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3735E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3735E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2.7Gbps, Low-Power SFP Laser Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C. Typical values at VCC = +3.3V, IBIAS = 20mA, IMOD = 30mA, TA = +25°C, unless
otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +6.0V
Current into BIAS, OUT+, OUT- ......................-20mA to +150mA
Current into MD.....................................................-5mA to +5mA
Voltage at IN+, IN-, TX_DISABLE, TX_FAULT,
SHUTDOWN ...........................................-0.5V to (VCC + 0.5V)
Voltage at BIAS, PC_MON, BC_MON,
MODSET, APCSET .................................-0.5V to (VCC + 0.5V)
Voltage at OUT+, OUT-.............................+0.5V to (VCC + 1.5V)
Voltage at APCFILT1, APCFILT2 ..............................-0.5V to +3V
Continuous Power Dissipation (TA = +85°C )
24-Lead Thin QFN (derate 20.8mW/°C
above +85°C).............................................................1354mW
24-Lead QFN (derate 20.8mW/°C
above +85°C).............................................................1354mW
Operating Ambient Temperature Range (TA)......-40°C to +85°C
Storage Ambient Temperature Range...............-55°C to +150°C
Die Attach Temperature...................................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Current
ICC
Excludes the laser bias and modulation
currents (Note 2)
27
50
mA
I/O SPECIFICATIONS
Differential Input Voltage
VID
VID = (VIN+) - (VIN-), Figure 1
200
2400
mVP-P
Common-Mode Input Voltage
0.6
× VCC
V
Differential Input Resistance
85
100
115
Ω
TX_DISABLE Input Pullup
Resistance
RPULL
4.7
7.4
10.0
k
Ω
VHIGH = VCC
15
TX_DISABLE Input Current
VLOW = GND, VCC = 3.3V, RPULL = 7.4k
Ω
-450
µA
TX_DISABLE Input High Voltage
VIH
2V
TX_DISABLE Input Low Voltage
VIL
0.8
V
TX_FAULT Output High Voltage
VOH
IOH = 100µA sourcing (Note 3)
2.4
V
TX_FAULT Output Low Voltage
VOL
IOL = 1mA sinking (Note 3)
0.4
V
SHUTDOWN Output High Voltage
VOH
IOH = 100µA sourcing
VCC - 0.4
V
SHUTDOWN Output Low Voltage
VOL
IOL = 100µA sinking
0.4
V
BIAS GENERATOR
Bias On-Current Range
IBIAS
Current into BIAS pin
1
100
mA
Bias Off-Current
IBIASOFF
Current into BIAS pin during TX_FAULT or
TX_DISABLE
100
µA
Bias Overshoot
During SFP module hot plugging
(Notes 4, 5, 11)
10
%
External resistor to GND defines the voltage
gain, IBIAS = 1mA, RBC_MON = 69.28k
Ω
10.0
12
13.5
Bias-Current Monitor Gain
IBC_MON
IBIAS = 100mA, RBC_MON = 693.25
Ω
11.5
13
13.5
mA/A
MAX3735
-8
+8
Bias-Current Monitor Gain
Stability
1mA
≤ IBIAS ≤ 100mA
(Notes 4, 6)
MAX3735A
-6
+6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com