Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
______________________________________________________________________________________
11
The MAX4567 has two V+ and two V- pins. Make DC
connections to only one of each to minimize crosstalk.
Do not route DC current into one of the V+ or V- pins
and out the other V+ or V- pin to other devices. The
second set of V+ and V- pins is for AC bypassing only.
For dual-supply operation, the MAX4567 should have
four 10nF bypass capacitors connected to each V+
and V- pin as close to the package as possible. For sin-
gle-supply operation, the MAX4567 should have two
10nF bypass capacitors connected (one to each V+
pin) as close to the package as possible.
On the MAX4565, GND5 and GND6 should always be
connected to the ground plane with solid copper to
improve isolation and crosstalk.
Signal Routing
Keep all signal leads as short as possible. Separate all
signal leads from each other and other traces with the
ground plane on both sides of the board. Where possible,
use coaxial cable instead of printed circuit board traces.
Board Layout
IC sockets degrade high-frequency performance and
should not be used if signal bandwidth exceeds 5MHz.
Surface-mount parts, having shorter internal lead
frames, provide the best high-frequency performance.
Keep all bypass capacitors close to the device, and
separate all signal leads with ground planes. Such
grounds tend to be wedge-shaped as they get closer to
the device. Use vias to connect the ground planes on
each side of the board, and place the vias in the apex of
the wedge-shaped grounds that separate signal leads.
Logic-level signal lead placement is not critical.
MAX4565
GND6
COM1
COM2
COM3
COM4
GND1
NO1
NO2
NO3
NO4
50/75
Ω
OUT/IN
50/75
Ω
OUT/IN
GND5
V-
V-
10nF
V+
V+
10nF
GND2
GND3
GND4
IN1
IN1
IN2
IN2
IN3
IN3
IN4
IN4
MAX4565
MAX4565
MAX4565
1
OUT
2
3
4
1
2
3
4
1
OUT
TO
ADDITIONAL
MUXES
2
3
4
5
6
7
8
1
OUT
2
3
4
ADDRESS
DECODING
Figure 2. 4-Channel Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com