Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4565C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MAX4567
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
4
_______________________________________________________________________________________
RL = 50Ω, Figure 6
CL = 1.0nF, VNO = 2.5V,
RS = 0Ω, Figure 5
VCOM_ = 3V, V+ = 5V,
Figure 4
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
VCOM_ = 3V, V+ = 5V,
Figure 3
(Note 3)
VCOM_ = 3V, V+ = 5V,
Figure 3
VIN_ = 0.8V or 2.4V
V+ = 5.5V; VCOM_ = 1V, 4.5V
V+ = 5.5V, VCOM_ = 1V,
VN_ = 4.5V
V+ = 4.5V, VCOM_ = 3.5V,
ICOM_ = 1mA
V+ = 5.5V, VCOM_ = 1V,
VN_ = 4.5V
CONDITIONS
320
BW
-3dB Bandwidth (Note 9)
pC
7
25
Q
Charge Injection
ns
10
90
tBBM
Break-Before-Make Time Delay
(MAX4566/MAX4567 only)
ns
150
30
120
tOFF
Turn-Off Time
ns
250
130
200
tON
Turn-On Time
µA
-1
0.001
1
IINH_, IINL_
IN_ Input Current Logic High or
Low
V
0.8
1.5
VIN_L
IN_ Input Logic Threshold Low
V
1.5
2.4
VIN_H
IN_ Input Logic Threshold High
nA
-20
20
68
120
RON
Signal-Path On-Resistance
V
0
V+
VCOM_,
VNO_, VNC_
Analog Signal Range
-2
2
ICOM_(ON)
COM_ On Leakage Current
(Notes 6, 10)
nA
-10
10
-1
1
ICOM_(OFF)
COM_ Off Leakage Current
(Notes 6, 10)
nA
-10
10
Ω
150
2
5
∆RON
Signal-Path On-Resistance
Match
Ω
6
-1
1
INO_(OFF),
INC_(OFF)
NO_, NC_ Off Leakage Current
(Notes 6, 10)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
MHz
+25°C
+25°C
+25°C
+25°C
C, E
+25°C
+25°C
C, E
+25°C
C, E
+25°C
C, E
C, E
C, E
+25°C
C, E
C, E
+25°C
C, E
+25°C
C, E
TA
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, VINL = 0.8V, VINH = 2.4V, VGND_ = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.)
V+ = 5.5V, all VIN_ = 0V or V+
-1
0.05
1
I+
V+ Supply Current
µA
-10
10
+25°C
C, E
RL = 50Ω, f = 10MHz,
VCOM_ = 1VRMS,
Figure 6
dB
-81
VISO
Off-Isolation
(Note 7)
+25°C
RL = 50Ω, f = 10MHz,
VCOM_ = 1VRMS,
Figure 6
dB
-86
VCT
Channel-to-Channel Crosstalk
(Note 8)
+25°C
ANALOG SWITCH
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com