Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V, TA = +25°C, GND = 0V, packages are surface mount, unless otherwise noted.)
1000
10
-5
-3
-4
0
1
2
3
4
-1
-2
5
ON RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
100
V+ = 1.2V,
V- = -1.2V
V+ = 5V,
V- = -5V
V+ = 3.3V,
V- = -3.3V
V+ = 2V,
V- = -2V
V+ = 2.7V,
V- = -2.7V
5
25
35
15
45
55
65
-5
-3
-2
-4
-1
0
1
2
3
4
5
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
VCOM (V)
TA = -40°C
TA = +85°C
TA = 0°C
TA = +25°C
TA = +125°C
1000
10
0
2
1
5
6
7
8
9
4
3
10
ON RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
100
V+ = 10V
V+ = 5V
V+ = 7.5V
V+ = 3.3V
V+ = 2.7V
V+ = 2V
V- = 0V
10
30
50
70
110
90
130
0
1.0 1.5
0.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
VCOM (V)
TA = 0°C
TA = +25°C
TA = +125°C
TA = -55°C
TA = +85°C
0
50
100
150
200
250
±2
±3
±4
±5
±6
±8
ON/OFF TIME vs.
SUPPLY VOLTAGE
V+, V- (V)
tON
tOFF
0.0001
0.001
0.01
0.1
1
10
-75
-50
-25
0
25
75
50
100
125
ON/OFF-LEAKAGE CURRENT vs.
TEMPERATURE
TEMPERATURE (°C)
ON LEAKAGE
OFF LEAKAGE
-10
10
20
0
30
50
40
60
-5
-3
-2
-4
-1
0
1
2
3
4
5
CHARGE INJECTION vs. VCOM
VCOM (V)
DUAL
SUPPLIES
SINGLE
SUPPLY
10
30
50
70
90
110
20
40
60
80
100
-75
-25
0
75
125
-50
25
50
100
ON/OFF TIME vs.
TEMPERATURE
TEMPERATURE (°C)
tON
tOFF
tON
tOFF
0.00001
0.0001
0.001
I-
I+
0.01
0.1
1
-75
-25
0
75
125
-50
25
50
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com