Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
________________________________________________________Package Information
PART
MAX4565CAP
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 SSOP
MAX4565C/D
MAX4565EPP
MAX4565EWP
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
Dice*
20 Plastic DIP
20 Wide SO
MAX4565EAP
MAX4566CPE
MAX4566CSE
0°C to +70°C
0°C to +70°C
-40°C to +85°C
20 SSOP
16 Plastic DIP
16 Narrow SO
MAX4566CEE
MAX4566C/D
MAX4566EPE
-40°C to +85°C
0°C to +70°C
0°C to +70°C
16 QSOP
Dice*
16 Plastic DIP
MAX4566ESE
-40°C to +85°C
16 Narrow SO
___________________________________________Ordering Information (continued)
*
Contact factory for dice specifications.
PART
TEMP. RANGE
PIN-PACKAGE
MAX4566EEE
MAX4567CPE
0°C to +70°C
-40°C to +85°C
16 QSOP
16 Plastic DIP
MAX4567CSE
MAX4567CEE
MAX4567C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Narrow SO
16 QSOP
Dice*
MAX4567EPE
MAX4567ESE
MAX4567EEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
16 QSOP
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com