Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
______________________________________________________________________________________
15
TRANSISTOR COUNT: 257
SUBSTRATE INTERNALLY CONNECTED TO V+
+5V
10nF
0V OR V+
V+
IN_
ALL GND_ PINS ARE CONNECTED TO GROUND PLANE (0V).
NO_
NC_
COM_
MAX4565
MAX4566
MAX4567
1MHz
CAPACITANCE
ANALYZER
GND_
V-
10nF
-5V
Figure 7. NO_, NC_, COM_ Capacitance
_________________Chip Topographies
Test Circuits/Timing
______________Diagrams (continued)
GND2
0.082"
(2.08mm)
0.072"
(1.83mm)
COM4 IN4 IN3 COM3
NO2
V+
GND6
NO3
GND3
N.C.
COM1 IN1 IN2 COM2
NO1
GND1
N.C.
NO4
GND4
GND5
V-
GND2
0.082"
(2.08mm)
0.072"
(1.83mm)
V+
NC1 IN2 NC2
N.C.
N.C.
COM2
N.C.
GND3
V-
NO1
IN1 NO2
V+
N.C.
GND1
V-
N.C.
GND4
COM1
N.C.
GND2
0.082"
(2.08mm)
0.072"
(1.83mm)
GND4 COM4 COM3 GND3
NO2
V+
N.C.
NC3
N.C.
N.C.
COM1 IN1 IN2 COM2
NO1
GND1
N.C.
NC4
N.C.
N.C.
V-
MAX4565
MAX4566
MAX4567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com