Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
14
______________________________________________________________________________________
∆VOUT
V+
0V
VIN_
VOUT
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT x CL
VOUT
V+
IN_
NO_ OR NC_
COM_
VNO = 0V
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
50
Ω
MAX4565
MAX4566
MAX4567
CL = 1000pF
VIN_
+5V
10nF
GND_
V-
10nF
-5V
Figure 5. Charge Injection
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT IC TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM_ AND "ON" NO_ OR NC_TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION.
+5V
VOUT
V+
IN_
NO_
COM_
VIN
MAX4565
MAX4566
MAX4567
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
0V OR V+
GND_
V-
10nF -5V
Figure 6. On Loss, Off Isolation, and Crosstalk
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com