Electronic Components Datasheet Search
  English  ▼

X  

MAX4565C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4565C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4565C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4565C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4565C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Multiplexer
With its excellent off isolation, the MAX4565 is ideal for
use in high-frequency video multiplexers. Figure 2
shows such an application for switching any one of four
video inputs to a single output. The same circuit may
be used as a demultiplexer by simply reversing the sig-
nal direction.
Stray capacitance of traces and the output capacitance
of switches placed in parallel reduces bandwidth, so the
outputs of no more than four individual switches should
be placed in parallel to maintain a high bandwidth. If
more than four mux channels are needed, the 4-channel
circuit should be duplicated and cascaded.
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
12
______________________________________________________________________________________
50%
50%
tOFF
tON
V+
0V
VIN_
VOUT
VOUT
V+
IN_
NO_OR NC_
COM_
3V
REPEAT TEST FOR EACH SWITCH.
50
Ω
MAX4565
MAX4566
MAX4567
RL = 300Ω
90%
90%
ALL GND_ PINS ARE CONNECTED TO GROUND PLANE (OV).
V- IS CONNECTED TO GND (OV) FOR SINGLE-SUPPLY OPERATION.
0V
VIN_
+5V
10nF
GND_
V-
10nF
-5V
Figure 3. Switching Time
______________________________________________Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com