Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8312 Datasheet HTML 1Page - Integrated Device Technology ICS8312 Datasheet HTML 2Page - Integrated Device Technology ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
4
ICS8312AY REV. D JULY 3, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 85°C
Table 4B. Power Supply DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = 0°C to 85°C
Table 4C. Power Supply DC Characteristics, VDD = VDDO = 1.8V ± 0.2V, TA = 0°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9
°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
3.135
3.3
3.465
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
2.375
2.5
2.625
V
VDDO
Output Supply Voltage
2.375
2.5
2.625
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Positive Supply Voltage
1.6
1.8
2.0
V
VDDO
Output Supply Voltage
1.6
1.8
2.0
V
IDD
Power Supply Current
10
mA
IDDO
Output Supply Current
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com