Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology ICS8312 Datasheet HTML 10Page - Integrated Device Technology ICS8312 Datasheet HTML 11Page - Integrated Device Technology ICS8312 Datasheet HTML 12Page - Integrated Device Technology ICS8312 Datasheet HTML 13Page - Integrated Device Technology ICS8312 Datasheet HTML 14Page - Integrated Device Technology ICS8312 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
11
ICS8312AY REV. D JULY 3, 2008
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
1.8V Core/1.8V LVCMOS Output Load AC Test Circuit
3.3V Core/1.8V LVCMOS Output Load AC Test Circuit
2.5V Core/2.5V LVCMOS Output Load AC Test Circuit
3.3V Core/2.5V LVCMOS Output Load AC Test Circuit
2.5V Core/1.8V LVCMOS Output Load AC Test Circuit
SCOPE
Qx
LVCMOS
GND
VDD,
1.65V±5%
-1.65V±5%
VDDO
SCOPE
Qx
LVCMOS
GND
VDDO
VDD,
0.9V±0.1V
-0.9V±0.1V
SCOPE
Qx
LVCMOS
V
DDO
2
GND
VDDO
VDD
0.9V±0.1V
2.4V±0.9V
-0.9V±0.1V
SCOPE
Qx
LVCMOS
GND
VDD,
1.25V±5%
-1.25V±5%
VDDO
SCOPE
Qx
LVCMOS
V
DDO
2
GND
VDD
VDDO
1.25V±5%
-1.25V±5%
2.05V±5%
SCOPE
Qx
LVCMOS
V
DDO
2
GND
VDDO
VDD
1.6V±5%
0.9V±0.1V
-0.9V±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com