Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8312 Datasheet HTML 2Page - Integrated Device Technology ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology ICS8312 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
6
ICS8312AY REV. D JULY 3, 2008
Table 4G. LVCMOS/LVTTL DC Characteristics, TA = 0°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. See Parameter Measurement Information, Output Load Test Circuit diagrams.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.465V
2
VDD + 0.3
V
VDD = 2.625V
1.7
VDD + 0.3
V
VDD = 2.0V
0.65*VDD
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.465V
-0.3
1.3
V
VDD = 2.625V
-0.3
0.7
V
VDD = 2.0V
-0.3
0.35*VDD
V
IIH
Input
High Current
CLK
VDD = VIN = 3.465V or
2.625V or 2.0V
150
µA
OE, CLK_EN
VDD = VIN = 3.465V or
2.625V or 2.0V
5µA
IIL
Input
Low Current
CLK
VDD = 3.465V or 2.625V or 2.0V,
VIN = 0V
-5
µA
OE, CLK_EN
VDD = 3.465V or 2.625V or 2.0V,
VIN = 0V
-150
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.3V ± 5%
2.6
V
VDDO = 2.5V ± 5%;
1.8
V
VDDO = 2.5V ± 5%; IOH = -1mA
2
V
VDDO = 1.8V ± 0.2V
VDD – 0.3
V
VDDO = 1.8V ± 0.2V; IOH = -100µA
VDD – 0.2
V
VOL
Output Low Voltage; NOTE 1
VDDO = 3.3V ± 5%
0.5
V
VDDO = 2.5V ± 5%;
0.45
V
VDDO = 2.5V ± 5%; IOL = 1mA
0.4
V
VDDO = 1.8V ± 0.2V
0.35
V
VDDO = 1.8V ± 0.2V; IOL = 100µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com