Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8312 Datasheet HTML 1Page - Integrated Device Technology ICS8312 Datasheet HTML 2Page - Integrated Device Technology ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LOW SKEW, 1-TO-12 LVCMOS/LVTTL
FANOUT BUFFER
ICS8312
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
1
ICS8312AY REV. D JULY 3, 2008
General Description
The ICS8312 is a low skew, 1-to-12 LVCMOS/
LVTTL Fanout Buffer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from IDT. The ICS8312 single-ended clock
input accepts LVCMOS or LVTTL input levels. The
low impedance LVCMOS outputs are designed to drive 50
Ω series
or parallel terminated transmission lines. The effective fanout can
be increased from 12 to 24 by utilizing the ability of the outputs to
drive two series terminated lines.
The ICS8312 is characterized at full 3.3V, 2.5V, and 1.8V, mixed
3.3V/2.5V, 3.3V/1.8V and 2.5V/1.8V output operating supply
modes. Guaranteed output and part-to-part skew characteristics
along with the 1.8V output capabilities makes the ICS8312 ideal
for high performance, single ended applications that also require a
limited output voltage.
Features
• Twelve LVCMOS/LVTTL outputs
• CLK input supports the following input types: LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
1.8V/1.8V
• 0°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
ICS8312
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
VDD
CLK_EN
CLK
GND
OE
VDD
GND
Q4
VDDO
Q5
GND
Q6
VDDO
Q7
GND
Pin Assignment
D
LE
Q
Q[0:11]
CLK_EN
OE
CLK
Pullup
Pulldown
Pullup
12
Block Diagram


Similar Part No. - ICS8312

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8312AY ICST-ICS8312AY Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8312AYI ICST-ICS8312AYI Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
ICS8312AYIT ICST-ICS8312AYIT Datasheet
243Kb / 11P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. A OCTOBER 23, 2003
ICS8312AYLF ICST-ICS8312AYLF Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
More results

Similar Description - ICS8312

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
Maximum output frequency
83918 IDT-83918 Datasheet
266Kb / 19P
Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
Maximum output frequency
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com