Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8312 Datasheet HTML 10Page - Integrated Device Technology ICS8312 Datasheet HTML 11Page - Integrated Device Technology ICS8312 Datasheet HTML 12Page - Integrated Device Technology ICS8312 Datasheet HTML 13Page - Integrated Device Technology ICS8312 Datasheet HTML 14Page - Integrated Device Technology ICS8312 Datasheet HTML 15Page - Integrated Device Technology ICS8312 Datasheet HTML 16Page - Integrated Device Technology ICS8312 Datasheet HTML 17Page - Integrated Device Technology ICS8312 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
16
ICS8312AY REV. D JULY 3, 2008
Ordering Information
Table 8. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8312AY
ICS8312AY
32 Lead LQFP
Tray
0
°C to 85°C
8312AYT
ICS8312AY
32 Lead LQFP
1000 Tape & Reel
0
°C to 85°C
8312AYLF
ICS8312AYLF
“Lead-Free” 32 Lead LQFP
Tray
0
°C to 85°C
8312AYLFT
ICS8312AYLF
“Lead-Free” 32 Lead LQFP
1000 Tape & Reel
0
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications, such as those requiring extended temperature ranges, high reliability or other extraordinary environmental requirements
are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any
IDT product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com