Electronic Components Datasheet Search
  English  ▼

X  

ICS8312 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8312
Description  Maximum output frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8312 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8312 Datasheet HTML 3Page - Integrated Device Technology ICS8312 Datasheet HTML 4Page - Integrated Device Technology ICS8312 Datasheet HTML 5Page - Integrated Device Technology ICS8312 Datasheet HTML 6Page - Integrated Device Technology ICS8312 Datasheet HTML 7Page - Integrated Device Technology ICS8312 Datasheet HTML 8Page - Integrated Device Technology ICS8312 Datasheet HTML 9Page - Integrated Device Technology ICS8312 Datasheet HTML 10Page - Integrated Device Technology ICS8312 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ICS8312
LOW SKEW, 1-TO-12 LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
7
ICS8312AY REV. D JULY 3, 2008
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = 0°C to 85°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
Table 5B. AC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = 0°C to 85°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltage and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation Delay, Low to High; NOTE 1
ƒ
≤ 250MHz
1.2
1.9
2.5
ns
tjit
Buffer Additive Phase Jitter, RMS; refer to
Additive Phase Jitter Section
100MHz, Integration Range:
12kHz – 20MHz
0.037
ps
tsk(o)
Output Skew; NOTE 2, 5
125
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 5
800
ps
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
700
ps
odc
Output Duty Cycle
ƒ
≤ 200MHz
45
55
%
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tpLH
Propagation Delay, Low to High; NOTE 1
ƒ
≤ 250MHz
1.4
2.3
3.2
ns
tjit
Buffer Additive Phase Jitter, RMS; refer to
Additive Phase Jitter Section
100MHz, Integration Range:
12kHz – 20MHz
0.022
ps
tsk(o)
Output Skew; NOTE 2, 5
150
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 5
1.1
ns
tR / tF
Output Rise/Fall Time; NOTE 5
20% to 80%
200
700
ps
odc
Output Duty Cycle
ƒ
≤ 150MHz
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com